Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1L-1215S-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM1L-1215S-N
Description  1 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM1L-1215S-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM1L-1215S-N Datasheet HTML 1Page - List of Unclassifed Manufacturers AM1L-1215S-N Datasheet HTML 2Page - List of Unclassifed Manufacturers AM1L-1215S-N Datasheet HTML 3Page - List of Unclassifed Manufacturers AM1L-1215S-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
27
VISIT US AT WWW.AIMTEC.CA
AM1L-N Series
INPUT/OUTPUT ISOLATION: 1000 & 3000VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM1L-N series is a family of cost effective 1W sin-
gle and dual output DC-DC converters. These converters
combines a miniature SMD package with 1000 &
3000VDC input/output isolation voltage.
Ninety six models operate from input voltages of 3.3, 5, 12 & 24VDC
with producing output voltage levels of 3.3, 5, 9, 12, 15, 24, ±3.3, ±5,
±9, ±12, ±15 & ±24VDC. Full SMD-design and a 100% production
test of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
MTBF: > 980,000 hrs single, > 1,000,000 hrs dual (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
1 watt dc-dc converters
General Specifications:
Efficiency
75% (typ)
Switching Frequency
100KHz, typ. 100% load
Physical Specifications
Dimensions
single out 12.7x11.2x6.3 mm
dual out
15.3x11.2x6.3 mm
single & dual 3000VDC 15.2x11.2x6.25 mm
Weight
1.5 g
Case material
Plastic UL94-VO
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Input Specifications:
Voltage range
±10 %
Filter
Capacitor
Isolation Specifications:
Rated voltage (60 sec)
1000 & 3000VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Output Specifications:
Voltage accuracy
±5%, max.
Voltage balance (Dual Output) ±2%
Ripple & noise (at 20MHz BW)
150mVp-p, max.
Short circuit protection
1 sec.
Line voltage regulation
±1.2%/1% of Vin, max.
Load voltage regulation
10% max.
(load 10...100%)
Temperature Coefficient
±0.03%/°C, max.
OUTLINE DIMENSIONS FOR SINGLE OUTPUT MODELS
-V Input
+V Input
-V Output
+V Output
N.C.
N.C.
N.C.
N.C.
1
2
4
5
3
6
7
8
Single
Pin
SMD PACKAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 75%
UL94-VO PACKAGE
Continued on next page


Similar Part No. - AM1L-1215S-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1L-1215S-N AIMTEC-AM1L-1215S-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-1215S-N AIMTEC-AM1L-1215S-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-1215S-N AIMTEC-AM1L-1215S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-1215S-NZ AIMTEC-AM1L-1215S-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
AM1L-1215S-NZ AIMTEC-AM1L-1215S-NZ Datasheet
365Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-1215S-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com