Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4060DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV4060DB
Description  14-stage binary ripple counter with oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4060DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV4060DB Datasheet HTML 2Page - NXP Semiconductors 74LV4060DB Datasheet HTML 3Page - NXP Semiconductors 74LV4060DB Datasheet HTML 4Page - NXP Semiconductors 74LV4060DB Datasheet HTML 5Page - NXP Semiconductors 74LV4060DB Datasheet HTML 6Page - NXP Semiconductors 74LV4060DB Datasheet HTML 7Page - NXP Semiconductors 74LV4060DB Datasheet HTML 8Page - NXP Semiconductors 74LV4060DB Datasheet HTML 9Page - NXP Semiconductors 74LV4060DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Product specification
74LV4060
14-stage binary ripple counter with oscillator
1998 Jun 23
6
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free
air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTES:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.
DC CHARACTERISTICS
Over operating conditions, voltages are referenced to GND (ground = 0 V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0V
1.4
1.4
V
VIH
voltage
MR input
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7 * VCC
0.7 * VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0V
0.6
0.6
V
VIL
voltage
MR input
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3 * VCC
0.3 * VCC
VCC = 1.2V
1.0
1.0
VIH
HIGH level Input
voltage
VCC = 2.0V
1.6
1.6
V
VIH
voltage
RS input
VCC = 2.7 to 3.6V
2.4
2.4
V
VCC = 4.5 to 5.5V
0.8 * VCC
0.8 * VCC
VCC = 1.2V
0.2
0.2
VIL
LOW level Input
voltage
VCC = 2.0V
0.4
0.4
V
VIL
voltage
RS input
VCC = 2.7 to 3.6V
0.5
0.5
V
VCC = 4.5 to 5.5
0.2 * VCC
0.2 * VCC
VCC = 1.2V; RS = GND and MR = GND;
–IO = 3.4mA
HIGH level output
VCC = 2.0V; RS = GND and MR = GND;
–IO = 3.4mA
VOH
HIGH level output
voltage;
RTC output
VCC = 2.7V; RS = GND and MR = GND;
–IO = 3.4mA
V
RTC out ut
VCC = 3.0V; RS = GND and MR = GND;
–IO = 3.4mA
2.40
2.82
2.20
VCC = 4.5V; RS = GND and MR = GND;
–IO = 3.4mA


Similar Part No. - 74LV4060DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060D-Q100 NEXPERIA-74LV4060D-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
More results

Similar Description - 74LV4060DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com