Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP50-120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP50-120
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP50-120 Datasheet(HTML) 5 Page - STMicroelectronics

  SMP50-120 Datasheet HTML 1Page - STMicroelectronics SMP50-120 Datasheet HTML 2Page - STMicroelectronics SMP50-120 Datasheet HTML 3Page - STMicroelectronics SMP50-120 Datasheet HTML 4Page - STMicroelectronics SMP50-120 Datasheet HTML 5Page - STMicroelectronics SMP50-120 Datasheet HTML 6Page - STMicroelectronics SMP50-120 Datasheet HTML 7Page - STMicroelectronics SMP50-120 Datasheet HTML 8Page - STMicroelectronics SMP50-120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMP50 / SMTPA / TPA
5/10
Figure 8: Variation of thermal impedance
junction to ambient versus pulse duration
(Printed
circuit
board
FR4,
SCu=35µm,
recommended pad layout)
Figure
9:
Relative
variation
of
junction
capacitance versus reverse voltage applied
(typical values)
Figure 10: Test circuit 1 for Dynamic IBO and VBO parameters
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-1
1E+0
1E+1
1E+2
Z
(°C/W)
th(j-a)
SMTPA / TPA
SMP50
t (s)
p
1
2
5
10
20
50
100
300
0.0
0.5
1.0
1.5
2.0
2.5
V (V)
R
C[V ] / C[V =50V]
RR
T =25°C
j
F=1MHz
V
=1V
RMS
100 V / µs, di /dt < 10 A / µs, Ipp = 50 A
1 kV / µs, di /dt < 10 A / µs, Ipp = 10 A
U
U
10 µF
2
45
66
470
83
0.36 nF
46 µH
60 µF
26 µH
12
250
46 µH
47
KeyTek 'System 2' generator with PN246I module
KeyTek 'System 2' generator with PN246I module


Similar Part No. - SMP50-120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-120 STMICROELECTRONICS-SMP50-120 Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP50-120 STMICROELECTRONICS-SMP50-120 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Similar Description - SMP50-120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com