Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4060PWDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LV4060PWDH
Description  14-stage binary ripple counter with oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4060PWDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LV4060PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 9Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 10Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 11Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 12Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 13Page - NXP Semiconductors 74LV4060PWDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product specification
74LV4060
14-stage binary ripple counter with oscillator
1998 Jun 23
10
SYMBOL
UNIT
LIMITS
–40 to +125
°C
LIMITS
–40 to +85
°C
CONDITION
WAVEFORM
PARAMETER
SYMBOL
UNIT
MAX
MIN
MAX
TYP1
MIN
VCC(V)
WAVEFORM
PARAMETER
2.0
29
18
37
t
Removal time
Figure 7
2.7
26
16
32
ns
trem
MR to RS
Figure 7
3.0 to 3.6
18
11
23
ns
4.5 to 5.5
12
7
15
2.0
14
40
9
f
Maximum clock
Figure 6
2.7
19
70
12
MHz
fmax
pulse frequency
Figure 6
3.0 to 3.6
24
90
15
MHz
4.5 to 5.5
30
100
19
NOTE:
Unless otherwise stated, all typical values are at Tamb = 25°C.
1. Typical value measured at VCC = 3.3V.
2. Typical value measured at VCC = 5.0V.
io ~
A
VCC
Rbias = 560 kW
input
output
100
mF
0.47
mF
Vi ~
(f = 1 kHz)
GND
SV00323
Figure 1.
Test set-up for measuring forward transconductance
gfs = dio/dvi at vo is constant (see also graph Figure 2); MR = LOW.
VCC (V)
01
2
3
4
0
5
10
15
20
gfs
(mA/V)
SV00324
Figure 2.
Typical forward transconductance gfs as a function of the supply
voltage VCC at Tamb = 25°C.


Similar Part No. - 74LV4060PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4060PW NEXPERIA-74LV4060PW Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060PW-Q100 NEXPERIA-74LV4060PW-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
More results

Similar Description - 74LV4060PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com