Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4799 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV4799
Description  Timer for NiCd and NiMH chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4799 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV4799 Datasheet HTML 1Page - NXP Semiconductors 74LV4799 Datasheet HTML 2Page - NXP Semiconductors 74LV4799 Datasheet HTML 3Page - NXP Semiconductors 74LV4799 Datasheet HTML 4Page - NXP Semiconductors 74LV4799 Datasheet HTML 5Page - NXP Semiconductors 74LV4799 Datasheet HTML 6Page - NXP Semiconductors 74LV4799 Datasheet HTML 7Page - NXP Semiconductors 74LV4799 Datasheet HTML 8Page - NXP Semiconductors 74LV4799 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product specification
74LV4799
Timer for NiCd and NiMH chargers
1998 Apr 20
5
Self-discharge mode.
If DIS is HIGH and PWRS is inactive (LOW or open), the battery is
being neither charged nor discharged. The circuit is in the
self-discharge mode. This mode represents the battery leakage
(self-discharge). The counter counts down. The clock frequency is
determined by the external capacitor and resistor at the RS output.
When the counter reaches the zero state, it stops.
LED mode select.
The LED output drives a battery status LED which indicates the
charge/full status of the battery. For optimum flexibility, two modes of
operation are built-in.
Mode 1: If SEL is LOW, the LED output is active LOW in the
charge mode, and the LED blinks with a frequency of
about 1 Hz during trickle charge.
Mode 2: If SEL is HIGH or open, the LED output blinks with a
frequency of about 0.25 Hz in the charge mode, and is
active LOW during trickle charge. In the discharge or
self-discharge mode, the LED output is open except
when PWRS is active (HIGH or pulsed). Then, the
battery is charging and discharging simultaneously.
Although the discharge mode is dominant, the LED
output is active when PWRS is also active.
NOTE: The blink frequency depends on the oscillator frequency.
(See application information)
Low indication.
As part of the user interface, the MOLLI output shows when the
battery needs to be charged. MOLLI stands for More Or Less Low
Indication (active LOW). The function is as follows: In the discharge
mode, (DIS is active LOW), the counter counts down and, when it
reaches the zero state, it stops. If DIS is switched HIGH, the MOLLI
output gives an output signal of four periods of about one second,
with a 50% duty cycle. This can be used to activate a buzzer. The
MOLLI output signal of four periods will be interrupted as soon as
PWRS is activated.
Alarm indication.
If an almost completely discharged battery is connected to the
charger, it may not be noticed by the user if the load switch is still
on. To prevent damaging the battery, an alarm signal on the LED
output will alert the user to switch off the load. The alarm signal is
easily recognized, because the LED output will blink at a higher
frequency than normal (about 5 Hz instead of 1 Hz). This alarm
indication is only active if the SEL input is HIGH or open. If the SEL
input is LOW, no alarm indication is present, because in many
applications simultaneous charging and discharging is quite
acceptable. (See charge/discharge mode)
Scan test mode.
If the SCAN input (pin 14) is made active HIGH, the circuit is in the
test mode. The tester clock is connected to the IOSC pin (pin 13). In
the scan mode, the on–chip oscillator is bypassed to allow rapid
testing of the divider/counter. The scan test patterns are available on
request. The scan test data is entered serially through the SCI input
(pin 15). The scan out data is present on the MOLLI/SCO output
(pin 6), which then acts as a scan output.
Remaining energy indication.
The scan test facility can be used as a remaining energy indication
because the value of the counter can be read out at the scan output
(MOLLI/SCO). This is done by briefly interrupting the normal mode
of operation, putting the circuit in the scan mode, and reading out
the counter value. The circuit then reverts to the normal mode. This
only works correctly with the MOLLI/SCO output and SCI input
linked (round coupled loop) and with exactly 49 clock pulses applied
to the IOSC input.
The serial scan-out data is available on the MOLLI/SCO output. The
value of the counter can be decoded by reading the correct bits.
Details are given later in the section “Application information”.
Output drivers EN and EN.
In one-cell battery (low-voltage) applications, the drive from the
ENABLE output (EN) is insufficient to provide the base current directly
for the external bipolar PNP regulator transistor. The inverse signal has
therefore been made available at the ENABLE output (EN) to drive an
extra bipolar NPN transistor that can provide the base current for the
bipolar PNP regulator transistor as shown in Figure 2.
FUNCTION TABLE 1
OPERATING
INPUTS
OUTPUTS
DIVIDER/COUNTER
OPERATING
MODES
PWRS
VIN
DIS
EN
EN
RC
RD
RS
MODE
VALUE
Charge
H or
H
H
H
L
Z
Z
Count up 22 sections
< max
Trickle charge
H or
H
H
Z
Stop
max
Charge/discharge
H or
H
L
H
L
Z
Z
Count down 18 sections
≥ min
Discharge
L or open
X
L
L
Z
Z
Z
Count down 18 sections
≥ min
Self-discharge
L or open
X
H
L
Z
Z
Z
Count down 27 sections
≥ min


Similar Part No. - 74LV4799

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Similar Description - 74LV4799

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com