Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1064ACP Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1064ACP
Description  Super Sequencer with Voltage Readback ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1064ACP Datasheet(HTML) 5 Page - Analog Devices

  ADM1064ACP Datasheet HTML 1Page - Analog Devices ADM1064ACP Datasheet HTML 2Page - Analog Devices ADM1064ACP Datasheet HTML 3Page - Analog Devices ADM1064ACP Datasheet HTML 4Page - Analog Devices ADM1064ACP Datasheet HTML 5Page - Analog Devices ADM1064ACP Datasheet HTML 6Page - Analog Devices ADM1064ACP Datasheet HTML 7Page - Analog Devices ADM1064ACP Datasheet HTML 8Page - Analog Devices ADM1064ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADM1064
Rev. 0 | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Reference Voltage on REFIN Pin,
VREFIN
2.048
V
Resolution
12
Bits
INL
±2.5
LSB
Endpoint corrected, VREFIN = 2.048 V
Gain Error
±0.05
%
VREFIN = 2.048 V
Conversion Time
0.44
ms
One conversion on one channel
84
ms
All 12 channels selected, 16x averaging enabled
Offset Error
±2
LSB
VREFIN = 2.048 V
Input Noise
0.25
LSBrms
Direct input (no attenuator)
REFERENCE OUTPUT
Reference Output Voltage
2.043
2.048
2.053
V
No load
Load Regulation
−0.25
mV
Sourcing current, IDACnMAX = −100 µA
0.25
mV
Sinking current, IDACnMAX = 100 µA
Minimum Load Capacitance
1
µF
Capacitor required for decoupling, stability
Load Regulation
2
mV
Per 100 µA
PSRR
60
dB
DC
PROGRAMMABLE DRIVER OUTPUTS
High Voltage (Charge Pump) Mode
(PDO1–6)
Output Impedance
500
kΩ
VOH
11
12.5
14
V
IOH = 0
10.5
12
13.5
V
IOH = 1µA
IOUTAVG
20
µA
2 V < VOH < 7 V
Standard (Digital Output) Mode (PDO1–10)
VOH
2.4
V
VPU (pull-up to VDDCAP or VPN) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to Vpn = 6.0 V, IOH = 0 mA
VPU − 0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
VOL
0
0.50
V
IOL = 20 mA
IOL2
20
mA
Maximum sink current per PDO pin
ISINK 2
60
mA
Maximum total sink for all PDOs
RPULL-UP
20
kΩ
Internal pull-up
ISOURCE (VPn)2
2
mA
Current load on any VPn pull-ups, that is, total
source current available through any number of
PDO pull-up switches configured onto any one
Three-State Output Leakage Current
10
µA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays derived from this clock
DIGITAL INPUTS (VXn, A0, A1)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
µA
VIN = 5.5 V
Input Low Current, IIL
1
µA
VIN = 0
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
µA
VDDCAP = 4.75, TA = 25°C, if known logic state is
required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA


Similar Part No. - ADM1064ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1064 AD-ADM1064_15 Datasheet
501Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. D
More results

Similar Description - ADM1064ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1064 AD-ADM1064_15 Datasheet
501Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. D
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com