Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8843 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM8843
Description  4 White LED Backlight Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8843 Datasheet(HTML) 5 Page - Analog Devices

  ADM8843 Datasheet HTML 1Page - Analog Devices ADM8843 Datasheet HTML 2Page - Analog Devices ADM8843 Datasheet HTML 3Page - Analog Devices ADM8843 Datasheet HTML 4Page - Analog Devices ADM8843 Datasheet HTML 5Page - Analog Devices ADM8843 Datasheet HTML 6Page - Analog Devices ADM8843 Datasheet HTML 7Page - Analog Devices ADM8843 Datasheet HTML 8Page - Analog Devices ADM8843 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM8843
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VOUT
2
C2+
3
ISET
4
GND
11 C2–
12 CTRL2
10 GND
9
GND
TOP VIEW
(Not to Scale)
ADM8843
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Charge Pump Output. A 2.2 µF capacitor to ground is required on this pin. Connect VOUT to the anodes of
all the LEDs.
2
C2+
Flying Capacitor 2 Positive Connection.
3
ISET
Bias Current Set Input. The current flowing through the RSET resistor, ISET, is gained up by 120 to give the
ILED current. Connect a resistor RSET to GND to set the bias current as VSET/RSET. Note that VSET = 1.18 V.
4, 9, 10
GND
Device Ground Pins.
5–8
FB1–FB4
LED1–LED4 Cathode Connection and Charge Pump Feedback. The current flowing in these LEDs is
120 times the current flowing through RSET, ISET. When using fewer than four LEDs, this pin can be left
unconnected or connected to GND.
11
C2−
Flying Capacitor 2 Negative Connection.
12
CTRL2
Digital Input. 3 V CMOS Logic. Used with CTRL1 to control the shutdown operation of the main and
sub LEDs.
13
CTRL1
Digital Input. 3 V CMOS Logic. Used with CTRL2 to control the shutdown operation of the main and
sub LEDs.
14
C1−
Flying Capacitor 1 Negative Connection.
15
VCC
Positive Supply Voltage Input. Connect this pin to a 2.6 V to 5.5 V supply with a 4.7 µF decoupling
capacitor.
16
C1+
Flying Capacitor 1 Positive Connection.
-
EP
Expose Paddle. Connect the exposed paddle to GND.


Similar Part No. - ADM8843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
More results

Similar Description - ADM8843

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7945 HOLTEK-HT7945 Datasheet
3Mb / 11P
   White LED Backlight Driver
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
   White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
   White LED Driver for Backlight
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
   White LED driver for display backlight
February 2011 Rev 1
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
   4-Channel LED Backlight Driver
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com