Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC102S085 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC102S085
Description  10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC102S085 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC102S085 Datasheet HTML 6Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 7Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 8Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 9Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 10Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 11Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 12Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 13Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Performance Characteristics V
REF =VA,fSCLK = 30 MHz, TA = 25C, Input Code Range 12 to
1011, unless otherwise stated (Continued)
INL/DNL vs f
SCLK at VA = 2.7V
INL/DNL vs V
A
20195550
20195522
INL/DNL vs Clock Duty Cycle at V
A = 3.0V
INL/DNL vs Clock Duty Cycle at V
A = 5.0V
20195524
20195525
INL/DNL vs Temperature at V
A = 3.0V
INL/DNL vs Temperature at V
A = 5.0V
20195526
20195527
www.national.com
10


Similar Part No. - DAC102S085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC102S085 TI-DAC102S085 Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
DAC102S085 TI1-DAC102S085 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC102S085CIMM TI-DAC102S085CIMM Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
DAC102S085CIMM/NOPB TI1-DAC102S085CIMM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC102S085CIMMX TI-DAC102S085CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
More results

Similar Description - DAC102S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085CIMMX TI-DAC102S085CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com