Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV541D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV541D
Description  Octal buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV541D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV541D Datasheet HTML 3Page - NXP Semiconductors 74LV541D Datasheet HTML 4Page - NXP Semiconductors 74LV541D Datasheet HTML 5Page - NXP Semiconductors 74LV541D Datasheet HTML 6Page - NXP Semiconductors 74LV541D Datasheet HTML 7Page - NXP Semiconductors 74LV541D Datasheet HTML 8Page - NXP Semiconductors 74LV541D Datasheet HTML 9Page - NXP Semiconductors 74LV541D Datasheet HTML 10Page - NXP Semiconductors 74LV541D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV541
Octal buffer/line driver (3-State)
1998 Jun 10
7
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 1k
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
50pF
SV00895
RL = 1k
2 * VCC
Figure 3. Load circuitry for switching times


Similar Part No. - 74LV541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV541D PHILIPS-74LV541D Datasheet
107Kb / 15P
   Octal buffer/line driver; 3-state Rev. 03 ??14 April 2009
Rev. 03-14 April 2009
74LV541DB PHILIPS-74LV541DB Datasheet
107Kb / 15P
   Octal buffer/line driver; 3-state Rev. 03 ??14 April 2009
Rev. 03-14 April 2009
More results

Similar Description - 74LV541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com