Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB702 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB702
Description  Reflective Object Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB702 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB702 Datasheet HTML 1Page - OPTEK Technologies OPB702 Datasheet HTML 2Page - OPTEK Technologies OPB702 Datasheet HTML 3Page - OPTEK Technologies OPB702 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type OPB702D
Electrical Characteristics (TA = 25
°C unless otherwise noted)
SYMBOL
PARAMETER
MIN MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.8
V
IF = 20 mA
IR
Reverse Current
100
µA
VR = 2.0 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
15.0
V
IC = 1 mA, IF = 0 , Ee = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
V
IE = 100
µA, IF = 0, Ee = 0
ICEO
Collector-Emitter Leakage Current
250
nA
VCE = 10.0 V, IF = 0, Ee = 0
Coupled
IC(ON)
On-State Collector Current
2.0
mA
VCE = 5.0 V, IF = 40 mA,
d = 0.150”(3.81 mm)
(3)(4)
VCE(SAT)
Collector-Emitter Saturation Voltage
1.10
V
IC = 400
µA, IF = 40 mA,
d = 0.150”(3.81 mm)
(3)(4)


Similar Part No. - OPB702

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB702 TTELEC-OPB702 Datasheet
784Kb / 3P
   Reflective Object Sensor
OPB702D TTELEC-OPB702D Datasheet
784Kb / 3P
   Reflective Object Sensor
OPB702R TTELEC-OPB702R Datasheet
784Kb / 3P
   Reflective Object Sensor
OPB702RR TTELEC-OPB702RR Datasheet
784Kb / 3P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB702 OPTEK-OPB702_14 Datasheet
218Kb / 3P
   Reflective Object Sensor
More results

Similar Description - OPB702

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB608A OPTEK-OPB608A Datasheet
223Kb / 2P
   REFLECTIVE OBJECT SENSORS
OPB740W OPTEK-OPB740W Datasheet
268Kb / 2P
   Reflective Object Sensors
logo
QT Optoelectronics
QRC1113 QT-QRC1113 Datasheet
143Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPA708 OPTEK-OPA708 Datasheet
127Kb / 4P
   REFLECTIVE OBJECT SENSORS
OPB606A OPTEK-OPB606A Datasheet
225Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
QT Optoelectronics
OPB703 QT-OPB703 Datasheet
149Kb / 2P
   REFLECTIVE OBJECT SENSORS
QRB1133 QT-QRB1133 Datasheet
148Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB707A OPTEK-OPB707A Datasheet
338Kb / 2P
   Reflective Object Sensors
OPB710 OPTEK-OPB710 Datasheet
220Kb / 2P
   REFLECTIVE OBJECT SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com