Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4799PWDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LV4799PWDH
Description  Timer for NiCd and NiMH chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4799PWDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4799PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 9Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 10Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 11Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 12Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
74LV4799
Timer for NiCd and NiMH chargers
1998 Apr 20
9
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
TEST CONDITIONS
Tamb (°C)
SYMBOL
PARAMETER
TEST CONDITIONS
+25
0 to +70
UNIT
VCC(V)
MIN
TYP
MAX
MIN
MAX
∆f
Oscillator frequency spread
1.0
Any resistor or capacitor according to
–11
–4
+3
%
∆f
Oscillator frequency s read
6.0
yg
the application information, see note 1
–9
–2
+5
%
δLED
Duty factor at pin 1
1.0
See Note 2
50
%
δLED
Duty factor at in 1
6.0
See Note 2
50
%
δMOLLI
Duty factor at pin 6
1.0
See Note 3
50
%
δMOLLI
Duty factor at in 6
6.0
See Note 3
50
%
tdb
Debounce suppression at pin 9
1.0
67
ms
tdeb
Debounce su
ression at in 9
6.0
65
ms
fi(
)
Maximum frequency at power
1.0
100
kHz
fi(max)
qy
sense input
6.0
100
kHz
fi( i )
Minimum frequency at power
1.0
50
Hz
fi(min)
qy
sense input
6.0
50
Hz
NOTES:
1. The oscillator frequency can be calculated by: f + 0.36
R
C1
2. During blinking.
3. An output signal of four periods will appear in case of discharged batteries and DIS is switched HIGH.
APPLICATION INFORMATION
Oscillator.
The frequency will be determined by the external components RC, RD, RS, and C1. The frequencies can be calculated by the following
expressions: f
+ 0.36
R
C
C1
; f + 0.36
R
D
C1
; f
+ 0.36
R
S
C1
.
RC and C1 determine the charge time.
RD and C1 determine the discharge time.
RS and C1 determine the self-charge time.
The charge, discharge and self-discharge times can be calculated as follows:
Charge time
+ 2
22
f
C
; Discharge time
+ 2
18
f
D
; Self-discharge time
+ 2
27
f
S
In the trickle charge mode, the average charge current will be reduced by a factor:
1
1
)
3x R
S
4x R
C
External components range
TEST CONDITIONS
Tamb (°C)
SYMBOL
PARAMETER
TEST CONDITIONS
+25
UNIT
VCC(V)
V1
OTHER
MIN
TYP
MAX
1.0
5.360
100
k
W
RC/RD
Resistor range
2.0
C1=0 22
µF
1.150
100
k
W
RC/RD
Resistor range
4.5
C1 = 0.22
µF
0.562
100
k
W
6.0
0.511
100
k
W
1.0
42.20
825
k
W
RS
Resistor range
2.0
C1=0 22
µF
9.09
825
k
W
RS
Resistor range
4.5
C1 = 0.22
µF
4.22
825
k
W
6.0
3.32
825
k
W
1.0
no limit
pF
C1
Capacitor range
2.0
no limit
F
C1
Ca acitor range
4.5
no limit
pF
6.0
no limit
F


Similar Part No. - 74LV4799PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Similar Description - 74LV4799PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com