Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC170A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1.5SMC170A
Description  1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1.5SMC170A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1.5SMC170A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5SMC170A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5SMC170A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5SMC170A Datasheet HTML 4Page - List of Unclassifed Manufacturers 1.5SMC170A Datasheet HTML 5Page - List of Unclassifed Manufacturers 1.5SMC170A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
V
F
Voltage
6.8 to 220 V
Power
1500 W/ms
1.5SMC6V8 ........... 1.5SMC220A
1.5SMC6V8C ...... 1.5SMC220CA
1500 W Unidirectional and Bidirectional Surface Mounted TransientVoltage Suppressor Diodes
• Glass passivated junction
• Typical I
RM less than 1µ A above 10V
• Response time typically <1ns
• The plastic material carries UL 94 V-0
• Low profile package
• Easy pick and place
• High temperature soldering 260 ºC 10 sec
Dimensions in mm.
CASE:
SMC/DO-214AB
Maximum Ratings and Electrical Characteristics at 25 ºC
P
PPM
MECHANICAL DATA
Terminals: Solder plated, solderable per IEC 68-2-20.
Standard Packaging: 8 mm. tape (EIA-RS-481)
Weight: 1.12 g.
Peak Pulse Power Dissipation
with 10/1000 µs exponential pulse
1500 W
I
FSM
Peak Forward Surge Current 8.3 ms.
(Jedec Method)
200 A
Max. forward voltage drop
at I
F = 100 A
3.5 V
Operating Junction and Storage
Temperature Range
T
J - TSTG
- 65 to + 175 ºC
(Note 1)
(Note 1)
Note 1: Only for Unidirectional
Jun - 03
2.8
7.2
Standard soldering pad
1.25 ± 0.25
7.8 ± 0.3
1.25 ± 0.25
Week code
Year code
Type No. Closs


Similar Part No. - 1.5SMC170A

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
1.5SMC170A HDSEMI-1.5SMC170A Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
logo
Central Semiconductor C...
1.5SMC170A CENTRAL-1.5SMC170A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
UN Semiconducctor INC
1.5SMC170A UNSEMI-1.5SMC170A Datasheet
3Mb / 7P
   6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
GOOD-ARK Electronics
1.5SMC170A GOOD-ARK-1.5SMC170A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Vishay Siliconix
1.5SMC170A VISHAY-1.5SMC170A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC170A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com