Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A41-43-36 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A41-43-36
Description  International Standards at Lower Cost and Better Performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A41-43-36 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A41-43-36 Datasheet HTML 1Page - List of Unclassifed Manufacturers A41-43-36 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2006 Signal Transformer Inc. Specifications subject to change without notice. 07.06
SM
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
2
International Standards at Lower Cost and Better Performance
All-4-One™ International Transformers
Chassis Mount
VA
Dimensions
Terminals
Mounting Style
Mounting
DImenstions
Mounting Screw
Weight
L
W
H
A
B
C
Inches
(mm)
ML
MW
lbs
(kg)
Size
Inches
(mm)
25
2.81
(71.4)
2.14
(54.4)
2.31
(58.7)
2.00
(50.8)
1.12
(28.6)
.31
(7.9)
.187
(4.75)
C
2.37
(60.3)
#6
1.25 lbs
(0.57)
43
3.12
(79.4)
2.14
(54.4)
2.68
(68.2)
2.25
(57.2)
1.12
(28.6)
.31
7.9)
.187
(4.75)
C
2.81
(71.4)
#6
1.6 lbs
(0.73)
80
2.50
(63.5)
2.52
(64.3)
3.00
(76.2)
1.37
(35.0)
.31
(7.9)
.187
(4.75)
B
2.00
(50.8)
2.18
(55.5)
#6
2.8 lbs
(1.27)
130
2.81
(71.4)
3.00
(76.2)
3.37
(85.7)
1.62
(41.3)
.37
(9.5)
0.25
(6.35)
B
2.25
(57.2)
2.50
(63.5)
#8
4.1 lbs
(1.86)
175
3.12
(79.4)
3.14
(79.7)
3.75
(95.3)
1.62
(41.3)
.37
(9.5)
0.25
(6.35)
B
2.50
(63.5)
2.50
(63.5)
#8
5.5 lbs
(2.49)


Similar Part No. - A41-43-36

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
A41-43-36 SUPERWORLD-A41-43-36 Datasheet
155Kb / 2P
   Power Transformer
logo
Bel Fuse Inc.
A41-43-36 BEL-A41-43-36 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
Pulse A Technitrol Comp...
A41-43-36A38 PULSE-A41-43-36A38 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
Bel Fuse Inc.
A41-43-36L BEL-A41-43-36L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
More results

Similar Description - A41-43-36

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF_15 Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Axiomtek Co., Ltd.
NA560 AXIOMTEK-NA560 Datasheet
234Kb / 1P
   Smart Fan for better thermal and acoustic performance
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
   Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com