Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6MGB160S4BVP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M6MGB160S4BVP
Description  16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M6MGB160S4BVP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M6MGB160S4BVP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M6MGB160S4BVP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MITSUBISHI LSIs
Sep. 1999 , Rev.2.0
16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS
3.3V-ONLY FLASH MEMORY &
4,194,304-BIT (262,144WORD BY 16-BIT / 524,288-WORD BY 8-BIT) CMOS SRAM
Stacked-MCP (Multi Chip Package)
M6MGB/T160S4BVP
10
DEVICE IDENTIFIER CODE
In the word-wide mode, the upper data(D15-8) is "0".
Code
Manufacturer Code
Pins
Hex. Data
1CH
DQ0
0
A0
VIL
DQ1
0
DQ2
1
DQ3
1
DQ4
1
DQ5
DQ6
0
DQ7
0
Device Code (-T160S4BVP)
A0H
VIH
00
1
Device Code (-B160S4BVP)
VIH
10
0
1
1
0
0
0
0
0
0
0
A1H
0
1
CAPACITANCE
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
8
12
Typ
Min
Limits
Ta = 25
°C, f = 1MHz, Vin = Vout = 0V
Input capacitance (Address, Control Pins)
Output capacitance
CIN
COUT
1) Minimum DC voltage is -0.5V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <20ns. Maximum DC voltage
on input/output pins is F-VCC+0.5V which, during transitions, may overshoot to F-VCC+1.5V for periods <20ns.
ABSOLUTE MAXIMUM RATINGS
Conditions
Parameter
With respect to Ground
Symbol
F-Vcc
All input or output voltage
VI1
Flash Vcc voltage
1)
Unit
V
V
Min
Max
4.6
-0.2
Ambient temperature
Temperature under bias
Ta
Tbs
Storage temperature
Tstg
°C
°C
°C
85
-50
95
-65
125
Output short circuit current
I OUT
mA
100
-0.6
4.6
-20
Note: The value of common pins to Flash Memory is the sum of Flash Memory and SRAM.
All currents are in RMS unless otherwise noted.
1) Typical values at F-Vcc=3.3V, Ta=25
°C
2) To protect against initiation of write cycle during Vcc power-up/ down, a write cycle is locked out for Vcc less than VLKO.
If Vcc is less than VLKO, Write State Machine is reset to read mode. When the Write State Machine is in Busy state, if Vcc is less than VLKO, the alteration of memory contents
may occur.
DC ELECTRICAL CHARACTERISTICS (Ta = -20~ 85
°C, F-Vcc = 2.7V ~ 3.6V, unless otherwise noted)
Symbol
Parameter
Max
Typ1)
Limits
Min
Test conditions
Unit
F-VCC standby current
ILO
±11
Output leakage current
mA
0V
£VOUT£F-VCC
ILI
Input leakage current
mA
0V
£VIN£F-VCC
±2.0
F-VCC deep powerdown current
ICC3
F-VCC program current
mA
35
F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH
ICC4
F-VCC erase current
mA
35
F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH
Output high voltage
V
VOL
Output low voltage
V
IOL = 4.0mA
0.45
F-Vcc+0.5
VIH
Input high voltage
V
2.0
0.8
VIL
Input low voltage
– 0.5
VOH1
IOH = –2.0mA
0.85(F-Vcc)
V
VOH2
IOH = –100
mA
F-Vcc–0.4
V
VLKO
Low VCC Lock-Out voltage 2)
1.5
2.2
V
ICC5
F-VCC suspend current
200
F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH
mA
ISB2
5
F-VCC = 3.6V, VIN=GND or F-VCC,
F-CE# = F-RP# = F-WP# = F-VCC
±0.3V
mA
0.1
15
mA
ICC1
F-VCC read current for Word or Byte
F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = VIL,
F-RP#=OE#=VIH, IOUT = 0mA
8
ISB1
F-VCC = 3.6V, VIN=VIL/VIH, F-CE# = F-RP# =F-WP# = VIH
mA
200
50
ICC2
15
mA
F-VCC Write current for Word or Byte
F-VCC = 3.6V,VIN=VIL/VIH, F-CE# =WE#= VIL,
F-RP#=OE#=VIH
F-VCC = 3.6V, VIN=VIL/VIH, F-RP# = VIL
mA
15
5
ISB3
mA
0.1
ISB4
F-VCC = 3.6V, VIN=GND or VCC, F-RP# =GND
±0.3V
5
5MHz
4
2
1MHz


Similar Part No. - M6MGB160S4BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results

Similar Description - M6MGB160S4BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
M6MGB331S4BKT RENESAS-M6MGB331S4BKT Datasheet
171Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT/4,194,304-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY & 4,194,304-BIT (262,144-WORD BY 16-BIT/524,288-WORD B
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com