Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-F415RE Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BD-F415RE
Description  DUAL DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BD-F415RE Datasheet(HTML) 1 Page - Yellow Stone Corp

  BD-F415RE Datasheet HTML 1Page - Yellow Stone Corp BD-F415RE Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BD-E401ND-A
BD-F401ND-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-E405ND-A
BD-F405ND-A
BD-E405NE-A
BD-F405NE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-E402ND-A
BD-F402ND-A
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-E403ND-A
BD-F403ND-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-E404ND-A
BD-F404ND-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-E406ND-A
BD-F406ND-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.40"
Dual-Digit
BD-E40DND-A BD-F40DND-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-13
BD-E411RD
BD-F411RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-E415RD
BD-F415RD
BD-E415RE
BD-F415RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-E412RD
BD-F412RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-E413RD
BD-F413RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-E414RD
BD-F414RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-E416RD
BD-F416RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.43"
Dual-Digit
BD-E41DRD
BD-F41DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-14
BD-A501RD
BD-C501RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-A505RD
BD-C505RD
BD-A505RE
BD-C505RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-A502RD
BD-C502RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-A503RD
BD-C503RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-A504RE
BD-C504RE
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-A506RD
BD-C506RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
BD-A50DRD
BD-C50DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-15
BD-A501RD-A
BD-C501RD-A
GaAsP/Red
655
40
80
40
200
1.7
2.5
0.9
BD-A505RD-A
BD-C505RD-A
BD-A505RE-A
BD-C505RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-A502RD-A
BD-C502RD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
3.8
BD-A503RD-A
BD-C503RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.8
GaAsP/GaP/ Hi-Eff.Red
BD-A504RE-A
BD-C504RE-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.6
BD-A506RD-A
BD-C506RD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.8
BD-A50DRD-A BD-C50DRD-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.8
DD-16
BD-E501RD
BD-F501RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.9
BD-E505RD
BD-F505RD
BD-E505RE
BD-F505RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E502RD
BD-F502RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.8
BD-E503RD
BD-F503RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.8
GaAsP/GaP/ Hi-Eff.Red
BD-E504RE
BD-F504RE
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.6
BD-E506RD
BD-F506RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.8
BD-E50DRD
BD-F50DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.8
DD-17
BD-E501RD-A
BD-F501RD-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.9
BD-E505RD-A
BD-F505RD-A
BD-E505RE-A
BD-F505RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E502RD-A
BD-F502RD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
3.8
BD-E503RD-A
BD-F503RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.8
GaAsP/GaP/ Hi-Eff.Red
BD-E504RD-A
BD-F504RD-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.6
BD-E506RD-A
BD-F506RD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.8
0.50"
Dual-Digit
BD-E50DRD-A BD-F50DRD-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.8
DD-18
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BD-F415RE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-F415RD BRIGHT-BD-F415RD Datasheet
188Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results

Similar Description - BD-F415RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-A531RD ETC1-BD-A531RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
BD-A401 ETC-BD-A401 Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com