Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C123 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-C123
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C123 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-C123 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C123 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings at TA = 25°C
High
High
DH AS
Efficiency
Performance
AlGaAs
Red and
Green and
Parameter
Red
Orange
Yellow
Emerald Green
Units
DC Forward Current[1]
30
30
20
30
mA
Transient Forward Current[2]
500
500
500
500
mA
(10
µsec Pulse)
Reverse Voltage (Ir = 100
µA)
5
555
V
LED Junction Temperature
110
110
110
110
°C
Operating Temperature Range
–20 to +100
–55 to +100
–20 to +100
°C
Storage Temperature Range
–55 to +100
°C
Wave Soldering Temperature
250
°C for 3 seconds
[1.59 mm (0.063 in.) from body]
Lead Solder Dipping Temperature
260
°C for 5 seconds
[1.59 mm (0.063 in.) from body]
Notes:
1. See Figure 5 for maximum current derating vs. ambient temperature.
2. The transient current is the maximum nonrecurring peak current the device can withstand without damaging the LED die and wire bond.
Package Dimensions
HLMP-Cx15 and HLMP-Cx23
HLMP-Cx17
1.14
± 0.20
(0.045
± 0.008)
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. LEADS ARE MILD STEEL, SOLDER DIPPED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT
0.5 mm (0.020 in.) DOWN THE LEADS.
CATHODE
LEAD
1.85 (0.073)
MAX.
CATHODE
FLAT
(NOTE 1)
1.14
± 0.20
(0.045
± 0.008)
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
1.50
± 0.15
(0.059
± 0.006)
12.60
± 0.18
(0.496
± 0.007)


Similar Part No. - HLMP-C123

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C123 HP-HLMP-C123 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C123 HP-HLMP-C123 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C123 AVAGO-HLMP-C123 Datasheet
271Kb / 10P
   Very high intensity
logo
Broadcom Corporation.
HLMP-C123-L00XX BOARDCOM-HLMP-C123-L00XX Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C123

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com