Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC04 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74AC04
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC04 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74AC04 Datasheet HTML 1Page - ON Semiconductor MC74AC04 Datasheet HTML 2Page - ON Semiconductor MC74AC04 Datasheet HTML 3Page - ON Semiconductor MC74AC04 Datasheet HTML 4Page - ON Semiconductor MC74AC04 Datasheet HTML 5Page - ON Semiconductor MC74AC04 Datasheet HTML 6Page - ON Semiconductor MC74AC04 Datasheet HTML 7Page - ON Semiconductor MC74AC04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74AC04, MC74ACT04
http://onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
V
Supply Voltage
′AC
2.0
5.0
6.0
V
VCC
Supply Voltage
′ACT
4.5
5.0
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
VCC @ 3.0 V
150
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 4.5 V
40
ns/V
r, f
′AC Devices except Schmitt Inputs
VCC @ 5.5 V
25
ttf
Input Rise and Fall Time (Note 2)
VCC @ 4.5 V
10
ns/V
tr, tf
In ut Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 5.5 V
8.0
ns/V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
–40
25
85
°C
IOH
Output Current – High
–24
mA
IOL
Output Current – Low
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
DC CHARACTERISTICS
74AC
74AC
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.1
2.1
VOUT = 0.1 V
g
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC – 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
3.0
1.5
0.9
0.9
VOUT = 0.1 V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC – 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
3.0
2.99
2.9
2.9
IOUT = –50 µA
g
Output Voltage
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
3.0
2.56
2.46
V
–12 mA
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
–24 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
IOUT = 50 µA
Output Voltage
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
3.0
0.36
0.44
V
12 mA
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
55
±01
±10
µA
VI =VCC GND
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
40
40
µA
VIN =VCC or GND
Q
Supply Current
5.5
4.0
40
µA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


Similar Part No. - MC74AC04

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC04 MOTOROLA-MC74AC04 Datasheet
123Kb / 5P
   HEX INVERTER
logo
ON Semiconductor
MC74AC04 ONSEMI-MC74AC04 Datasheet
140Kb / 10P
   Hex Inverter
October, 2006 ??Rev. 7
MC74AC04 ONSEMI-MC74AC04 Datasheet
87Kb / 8P
   Hex Inverter
January, 2015 ??Rev. 8
MC74AC04 ONSEMI-MC74AC04 Datasheet
86Kb / 8P
   Hex Inverter
August, 2017 ??Rev. 9
MC74AC04D ONSEMI-MC74AC04D Datasheet
140Kb / 10P
   Hex Inverter
October, 2006 ??Rev. 7
More results

Similar Description - MC74AC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com