Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV1288LL-55QI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS62LV1288LL-55QI
Description  128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV1288LL-55QI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS62LV1288LL-55QI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
03/22/01
This document contISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no
responsibility for any errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
IS62LV1288LL
ISSI®
DESCRIPTION
The
ISSI IS62LV1288LL is a low power and low
Vcc,131,072-word by 8-bit CMOS static RAM. It is
fabricated using
ISSI's high-performance CMOS
technology. This highly reliable process coupled with
innovative circuit design techniques, yields higher
performance and low power consumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the
device assumes a standby mode at which the power
dissipation can be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip
Enable inputs,
CE1 and CE2. The active LOW Write Enable
(
WE) controls both writing and reading of the memory.
The IS62LV1288LL is available in 32-pin TSOP (Type I),
STSOP (8 x 13.4mm), and 450-mil plastic SOP (525-mil
pin to pin) packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE1
OE
WE
512 X 2048
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
128K x 8 LOW POWER and LOW Vcc
CMOS STATIC RAM
FEATURES
• Access times of 45, 55, and 70 ns
• Low active power: 60 mW (typical)
• Low standby power: 15 µW (typical) CMOS
standby
• Low data retention voltage: 2V (min.)
• Ultra Low Power
• Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
• TTL compatible inputs and outputs
• Single 2.5V (min.) to 3.45V (max.) power supply
• Industrial temperature available
• Available in 32-pin TSOP (Type I), 32-pin
STSOP, and 450-mil SOP
FEBUARY 2001


Similar Part No. - IS62LV1288LL-55QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1288LL-55QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com