Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC77135 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # APC77135
Description  Smartphone Application Quad AFE designed for Infineons Octal 10BaseS 8 port Chipset PEB22824-PEB22825
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC77135 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  APC77135 Datasheet HTML 1Page - Bel Fuse Inc. APC77135 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 2
1
27.9
Recommended Hole Size
Ø 1.0 in 32 Places
3.81
IN 6 PLACES
2.54
IN 24 PLACES
Recommended P.C.B Pad Layout
Top View
Bottom View
2.8
Side View
3.3
10.5
MAX
End View
33.5
MAX
48.5
MAX
16
17
32
3.5
±0.3
Ø 0.76
ALL DIMENSIONS IN MM.
TOLERANCE 0.15MM UNLESS OTHERWISE STATED.
Signal
Channel 1
Channel 2
Channel 3
Channel 4
Line +
Pin 2
Pin 6
Pin 10
Pin 14
Line -
Pin 3
Pin 7
Pin 11
Pin 15
Tx +
Pin 29
Pin 27
Pin 21
Pin 19
Tx -
Pin 30
Pin 28
Pin 22
Pin 20
Rx +
Pin 31
Pin 25
Pin 23
Pin 17
Rx -
Pin 32
Pin 26
Pin 24
Pin 18
N/C
Pin 1, 4
Pin 5, 8
Pin 9, 12
Pin 13, 16
MECHANICAL
Smartphone Application Quad AFE designed for Infineon’s
Octal 10BaseS 8 port Chipset PEB22824-PEB22825
APC77135


Similar Part No. - APC77135

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77135E BEL-APC77135E Datasheet
168Kb / 2P
   Quad AFE for Smartphone Application
More results

Similar Description - APC77135

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-01 BEL-0803-7700-01 Datasheet
104Kb / 2P
   Smartphone Application Quad AFE designed for Infineons Octal 10BaseS 8 port Chipset PEB22824-PEB22825
APC77135E BEL-APC77135E Datasheet
168Kb / 2P
   Quad AFE for Smartphone Application
APC78169 BEL-APC78169 Datasheet
108Kb / 1P
   CO for Octal Chipset
logo
Texas Instruments
AC5 TI1-AC5 Datasheet
109Kb / 5P
[Old version datasheet]   AC5 Octal-Port Central Office ADSL Chipset
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
Pulse A Technitrol Comp...
T8008NL PULSE-T8008NL Datasheet
95Kb / 2P
   8 X 2 LINE COMMON MODE CHOKES Designed for Quad Port T1/E1 Applications
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Bel Fuse Inc.
APC77163 BEL-APC77163 Datasheet
89Kb / 1P
   Integrated CPE Filter/Hybrid Solution VDSL / 10BaseS for Infineon PEB 22810/11/12/22 Chipset
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com