Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16240A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC16240A
Description  16-bit buffer/line driver; inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16240A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC16240A Datasheet HTML 1Page - NXP Semiconductors 74LVC16240A Datasheet HTML 2Page - NXP Semiconductors 74LVC16240A Datasheet HTML 3Page - NXP Semiconductors 74LVC16240A Datasheet HTML 4Page - NXP Semiconductors 74LVC16240A Datasheet HTML 5Page - NXP Semiconductors 74LVC16240A Datasheet HTML 6Page - NXP Semiconductors 74LVC16240A Datasheet HTML 7Page - NXP Semiconductors 74LVC16240A Datasheet HTML 8Page - NXP Semiconductors 74LVC16240A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16240A
16-bit buffer/line driver; inverting (3-State)
1997 Jul 29
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
MIN.
MAX.
VCC
DC supply voltage (for max. speed
performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage
applications)
1.2
3.6
V
VI
DC Input voltage range
0
5.5
V
VO
DC output voltage range; output HIGH or
LOW state
0
VCC
V
VO
DC output voltage range; output 3-State
0
5.5
V
Tamb
Operating ambient temperature range in
free air
See DC and AC characteristics
for individual device
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
–0.5
+6.5
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage
Note 2
–0.5
+6.5
V
IOK
DC output diode current
VO > VCC or VO < 0
"50
mA
VO
DC output voltage; output HIGH or LOW
state
Note 2
–0.5
VCC + 0.5
V
VO
DC output voltage; output 3-State
Note 2
–0.5
6.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65
+150
°C
Power dissipation per package
Ptot
– SO package
Above +70
°C derate linearly 8mW/K
500
mW
– SSOP and TSSOP package
Above +60
°C derate linearly 5.5mW/K
500
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74LVC16240A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
74LVC16240A-Q100 NEXPERIA-74LVC16240A-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
74LVC16240ADGG NEXPERIA-74LVC16240ADGG Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
74LVC16240ADGG-Q100 NEXPERIA-74LVC16240ADGG-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
logo
NXP Semiconductors
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
More results

Similar Description - 74LVC16240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com