Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16244A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC16244A
Description  16-bit buffer/line driver; 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC16244A Datasheet HTML 2Page - NXP Semiconductors 74LVC16244A Datasheet HTML 3Page - NXP Semiconductors 74LVC16244A Datasheet HTML 4Page - NXP Semiconductors 74LVC16244A Datasheet HTML 5Page - NXP Semiconductors 74LVC16244A Datasheet HTML 6Page - NXP Semiconductors 74LVC16244A Datasheet HTML 7Page - NXP Semiconductors 74LVC16244A Datasheet HTML 8Page - NXP Semiconductors 74LVC16244A Datasheet HTML 9Page - NXP Semiconductors 74LVC16244A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2003 Dec 08
6
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
handbook, halfpage
43
44
46
47
1A0
1A1
1A2
1A3
1OE
2
3
1Y0
1Y1
1Y2
1Y3
5
6
1
32
33
35
36
3A0
3A1
3A2
3A3
3OE
13
14
3Y0
3Y1
3Y2
3Y3
16
17
25
MNA996
37
38
40
41
2A0
2A1
2A2
2A3
2OE
8
9
2Y0
2Y1
2Y2
2Y3
11
12
48
26
27
29
30
4A0
4A1
4A2
4A3
4OE
19
20
4Y0
4Y1
4Y2
4Y3
22
23
24
Fig.3 Logic symbol.
23
mna704
37
12
11
9
8
6
5
47
46
44
43
41
40
38
2A3
1A0
1A1
1A2
1A3
2A0
2A1
2A2
2
3
2Y3
2Y2
2Y1
2Y0
1Y3
1Y2
1Y0
1Y1
26
22
20
19
17
16
36
35
33
32
30
29
27
4A3
3A0
3A1
3A2
3A3
4A0
4A1
4A2
13
14
4Y3
4Y2
4Y1
4Y0
3Y3
3Y2
3Y0
3Y1
24
4OE
4EN
25
3OE
3EN
1OE
1
1EN
2OE
48
2EN
1
1
3
1
2
1
4
1
Fig.4 Logic symbol (IEEE/IEC).
handbook, halfpage
to internal circuit
MNA705
VCC
data input
Fig.5 Bushold circuit.


Similar Part No. - 74LVC16244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC16244ABQ NXP-74LVC16244ABQ Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

Similar Description - 74LVC16244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com