Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC16241ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VC16241ADL
Description  16-bit buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16241ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  VC16241ADL Datasheet HTML 1Page - NXP Semiconductors VC16241ADL Datasheet HTML 2Page - NXP Semiconductors VC16241ADL Datasheet HTML 3Page - NXP Semiconductors VC16241ADL Datasheet HTML 4Page - NXP Semiconductors VC16241ADL Datasheet HTML 5Page - NXP Semiconductors VC16241ADL Datasheet HTML 6Page - NXP Semiconductors VC16241ADL Datasheet HTML 7Page - NXP Semiconductors VC16241ADL Datasheet HTML 8Page - NXP Semiconductors VC16241ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16241A
16-bit buffer/line driver (3-State)
2
1997 Jul 29
853-2006 18217
FEATURES
5 volt tolerant inputs/outputs for interfacing with 5V logic
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple power and ground pins for minimum
noise and ground bounce
Direct interface with TTL levels
DESCRIPTION
The 74LVC16241A is a high-performance, low-power, low-voltage,
Si-gate CMOS device, superior to most advanced CMOS
compatible TTL families. Inputs can be driven from either 3.3V or 5V
devices. In 3-State operation, outputs can handle 5V. These
features allow the use of these devices in a mixed 3.3V/5V
environment.
The 74LVC16241A is a 16-bit buffer/line driver with 3-State outputs.
The 3-State outputs are controlled by the output enable inputs nOE
and nOE. Schmitt-trigger action at all inputs makes the circuit highly
tolerant for slower input rise and fall times. The device can be used
as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE
1Y0
1Y1
GND
1Y2
1Y3
VCC
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
2Y0
3Y2
3Y3
VCC
4Y0
4Y1
4A1
4A0
VCC
3A3
3A2
GND
3A1
3A0
2A3
2A2
GND
2A1
2A0
VCC
1A3
1A2
GND
1A1
1A0
2OE
21
22
23
24
25
26
27
28
GND
4Y2
4Y3
4OE
3OE
4A3
4A2
GND
SW00049
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 _C; tr = tf v 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nAn to nYn
CL = 50pF
VCC = 3.3V
2.9
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
25
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVC16241A DL
VC16241A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVC16241A DGG
VC16241A DGG
SOT362-1


Similar Part No. - VC16241ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VC16240ADGG PHILIPS-VC16240ADGG Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16240ADL PHILIPS-VC16240ADL Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16244ADGG PHILIPS-VC16244ADGG Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
VC16244ADL PHILIPS-VC16244ADL Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
VC16245ADGG PHILIPS-VC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
More results

Similar Description - VC16241ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com