Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4392IPFBT Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button SRC4392IPFBT Datasheet HTML 2Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 3Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 4Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 5Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 6Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 7Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 8Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 9Page - Burr-Brown (TI) SRC4392IPFBT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: Audio Serial Ports
ELECTRICAL CHARACTERISTICS: SPI Interface
SRC4392
SBFS029B – DECEMBER 2005 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL AUDIO INTERFACE RECEIVER (DIR)
PLL Lock Range
20
216
kHz
Reference Clock Input (RXCKI) Frequency, fRXCKI
3.5
27.7
MHz
Reference Clock Input (RXCKI) Duty Cycle, fRXCKID
45
55
%
Recovered Clock Output (RXCKO) Frequency, fRXCKO
3.5
27.7
MHz
Recovered Clock Output (RXCKO) Duty Cycle, fRXCKOD
45
55
%
Recovered Clock Output (RXCKO) Intrinsic Jitter
Measured cycle-to-cycle
250
ps RMS
DIGITAL AUDIO INTERFACE TRANSMITTER (DIT)
Intrinsic Output Jitter
Measured cycle-to-cycle
200
ps RMS
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO SERIAL PORTS (Port A and Port B)
LRCK Clock Frequency, fLRCK
0
216
kHz
LRCK Clock Duty Cycle, tLRCKD
50
%
BCK Clock Frequency, fBCK
0
13.824
MHz
BCK High Pulse Width, tBCKH
10
ns
BCK Low Pulse Width, tBCKL
10
ns
Audio Data Input (SDIN) Setup Time, tAIS
10
ns
Audio Data Input (SDIN) Hold Time, tAISH
10
ns
Audio Data Output (SDOUT) Delay, tADD
10
ns
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: SPI Mode
Serial Clock (CCLK) Frequency, fCCLK
0
40
MHz
CS Falling to CCLK Rising, tCSCR
8
ns
CCLK Falling to CS Rising, tCFCS
7
ns
CDIN Data Setup Time, tCDS
7
ns
CDIN Data Hold Time, tCDH
6
ns
CCLK Falling to CDOUT Data Valid, tCFDO
3
ns
CS Rising to CDOUT High-Impedance, tCSZ
3
ns
6
Submit Documentation Feedback


Similar Part No. - SRC4392IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com