Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT1608DH00TU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT1608DH00TU
Description  LOGIC LEVEL TRIAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT1608DH00TU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT1608DH00TU Datasheet HTML 1Page - List of Unclassifed Manufacturers FT1608DH00TU Datasheet HTML 2Page - List of Unclassifed Manufacturers FT1608DH00TU Datasheet HTML 3Page - List of Unclassifed Manufacturers FT1608DH00TU Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
0.5
2.0
1.0
1.5
2.5
FT16...H
LOGIC LEVEL TRIAC
0
25
50
75
Fig. 8: Relative variation of critical rate of
decrease of main current versus junction
temperature
(dI/dt)c [Tj]/(dI/dc)c [Tj specified]
100
6
5
4
3
2
1
0
IGT,IH,IL[Tj]/IGT,IH,IL.[Tj=25ºC]
Fig. 7: Relative variation of gate trigger
current, holding current and latching versus
junction temperature (typical values)
Tj(ºC)
Tj(ºC)
125
PACKAGE MECHANICAL DATA TO-220AB (Plastic)
A
a1
a2
B
b1
b2
C
c1
c2
e
F
I
I4
L
I2
I3
M
REF.
DIMENSIONS
Milimeters
Min.
Nominal
Max.
15.20
13.00
10.00
0.61
1.23
4.40
0.49
2.40
2.40
6.20
3.75
15.80
2.65
1.14
1.14
3.75
16.40
2.60
15.90
14.00
10.40
0.88
1.32
4.60
0.70
2.72
2.70
6.60
3.85
16.80
2.95
1.70
1.70
-40 -20 0 20 40 60 80 100 120 140
IGT
IH&IL
14
a1
L
A
e
a2
b1
12
13
øI
B
c
F
b2
c2
c1
M
Jul - 02


Similar Part No. - FT1608DH00TU

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
   FT series, 10 A Output Current, Filter Module
FT10-100 DATEL-FT10-100 Datasheet
470Kb / 4P
   Filter Modules 100 Vdc, 10 and 20 Amps Differential/Common-Mode Filters
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FT10001FHX FAIRCHILD-FT10001FHX Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
More results

Similar Description - FT1608DH00TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com