Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G06 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G06
Description  Inverter with open-drain output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G06 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2004 Sep 07
7
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
Note
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
1.65 to 1.95
0.65
× V
CC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2.0
−−
V
4.5 to 5.5
0.7
× V
CC
−−
V
VIL
LOW-level input
voltage
1.65 to 1.95
−−
0.35
× VCC V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
4.5 to 5.5
−−
0.3
× VCC
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
1.65 to 5.5
−−
0.1
V
IO = 4 mA
1.65
−−
0.70
V
IO = 8 mA
2.3
−−
0.45
V
IO = 12 mA
2.7
−−
0.60
V
IO = 24 mA
3.0
−−
0.80
V
IO = 32 mA
4.5
−−
0.80
V
ILI
input leakage current
VI = 5.5 V or GND
5.5
−−
±100
µA
Ioff
power OFF leakage
current
VI or VO = 5.5 V
0
−−
±200
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0 A
5.5
−−
200
µA
∆ICC
additional quiescent
supply current per pin
VI =VCC − 0.6 V;
IO =0 A
2.3 to 5.5
−−
5000
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)


Similar Part No. - 74LVC1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06 DIODES-74LVC1G06 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
352Kb / 18P
   Inverter with open-drain output Rev. 10 ??29 June 2012
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06 NEXPERIA-74LVC1G06 Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
More results

Similar Description - 74LVC1G06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74LVC1G06-Q100 NEXPERIA-74LVC1G06-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com