Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16244 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC16244
Description  16-bit buffer/line driver; 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC16244 Datasheet HTML 2Page - NXP Semiconductors 74LVC16244 Datasheet HTML 3Page - NXP Semiconductors 74LVC16244 Datasheet HTML 4Page - NXP Semiconductors 74LVC16244 Datasheet HTML 5Page - NXP Semiconductors 74LVC16244 Datasheet HTML 6Page - NXP Semiconductors 74LVC16244 Datasheet HTML 7Page - NXP Semiconductors 74LVC16244 Datasheet HTML 8Page - NXP Semiconductors 74LVC16244 Datasheet HTML 9Page - NXP Semiconductors 74LVC16244 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
2003 Dec 08
11
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
AC WAVEFORMS
handbook, halfpage
MNA171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.6 The input nAn to output nYn propagation delays.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns


Similar Part No. - 74LVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC16244ABQ NXP-74LVC16244ABQ Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

Similar Description - 74LVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com