Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G07GW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC1G07GW
Description  Buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G07GW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC1G07GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G07GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2004 Sep 07
5
Philips Semiconductors
Product specification
Buffer with open-drain output
74LVC1G07
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
active mode
0
5.5
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
operating ambient temperature
−40
+125
°C
tr, tf
input rise and fall times
VCC = 1.65 V to 2.7 V
0
20
ns/V
VCC = 2.7 V to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0 V
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0 V
−±50
mA
VO
output voltage
active mode; notes 1 and 2
−0.5
+6.5
V
Power-down mode; notes 1 and 2
−0.5
+6.5
V
IO
output sink current
VO =0 VtoVCC
−±50
mA
ICC, IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation
Tamb = −40 °C to +125 °C
250
mW


Similar Part No. - 74LVC1G07GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07GW NXP-74LVC1G07GW Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07GW NEXPERIA-74LVC1G07GW Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
logo
NXP Semiconductors
74LVC1G07GW-Q100 NXP-74LVC1G07GW-Q100 Datasheet
107Kb / 13P
   Buffer with open-drain output
Rev. 1-23 May 2013
logo
Nexperia B.V. All right...
74LVC1G07GW-Q100 NEXPERIA-74LVC1G07GW-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
More results

Similar Description - 74LVC1G07GW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com