Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C217-Y0000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HLMP-C217-Y0000
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C217-Y0000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-C217-Y0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-C217-Y0000 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Figure 5. Maximum forward dc current vs. ambient temperature. Derating based on TjMAX = 110°C.
Figure 4. Relative efficiency (luminous intensity per unit current) vs. peak current.
Figure 6. Relative luminous intensity vs. angular displacement. 15 degree family.
0
IPEAK – PEAK FORWARD CURRENT – mA
0
0.6
0.8
300
20
100
1.2
1.0
0.2
0.4
50
200
10
DH As AlGaAs RED
0
IPEAK – PEAK FORWARD CURRENT – mA
0.4
0.6
0.8
1.0
90
20
70
50
40
1.3
1.1
HIGH PERFORMANCE GREEN
YELLOW
HIGH EFFICIENCY
RED/ORANGE
HER, ORANGE, YELLOW, HIGH
PERFORMANCE GREEN, EMERALD GREEN
0.5
0.7
0.9
1.2
30
60
80
10
EMERALD GREEN
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
40
20
10
20
60
30
100
5
15
25
35
DH As AlGaAs RED
R
θJA = 559° C/W
R
θJA = 689° C/W
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
40
20
10
20
60
30
100
5
15
25
35
HER, ORANGE, YELLOW, AND HIGH
PERFORMANCE GREEN, EMERALD GREEN
R
θJA = 470° C/W
R
θJA = 705° C/W
R
θJA = 300° C/W
YELLOW
HER, ORANGE, GREEN,
EMERALD GREEN
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
45
0.1
0.3
0.4
40
35
30
25
20
10
5
0
15
-5
-10 -15 -20 -25 -30 -35 -40 -45
0.9


Similar Part No. - HLMP-C217-Y0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C217 HP-HLMP-C217 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C217-Y0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com