Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C317-Y0000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-C317-Y0000
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C317-Y0000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-C317-Y0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C317-Y0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Electrical Characteristics at TA = 25°C
Forward
Reverse
Capacitance
Speed of Response
Voltage
Breakdown
C (pF)
Thermal
τττττs (ns)
Vf (Volts)
Vr (Volts)
Vf = 0
Resistance
Time Constant
@ If = 20 mA
@ Ir = 100
µA
f = 1 MHz
R
θθθθθJ-PIN
e-t/τττττs
Part Number
Typ.
Max.
Min.
Typ.
(
°C/W)
Typ.
HLMP-C115
1.8
2.2
5
30
210
30
HLMP-C117
HLMP-C123
HLMP-C215
1.9
2.6
5
11
210
90
HLMP-C223
HLMP-C315
2.1
2.6
5
15
210
90
HLMP-C323
HLMP-C415
1.9
2.6
5
4
210
280
HLMP-C423
HLMP-C515
2.2
3.0
5
18
210
260
HLMP-C523
HLMP-C615
2.2
3.0
5
18
210
260
HLMP-C623
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Luminous
Iv (mcd)
Wavelength
Wavelength
2
θθθθθ1/2
Efficacy
@ 20 mA[1]
λλλλλpeak (nm)
λλλλλd[2] (nm)
(Degrees)[3]
ηηηηηv
Part Number
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
HLMP-C115
290
600
645
637
11
80
HLMP-C117
HLMP-C123
90
200
26
HLMP-C215
138
300
635
626
17
145
90
170
23
HLMP-C315
146
300
583
585
17
500
96
170
25
HLMP-C415
138
300
600
602
17
380
90
170
23
HLMP-C515
170
300
568
570
20
595
69
170
28
HLMP-C615
17
45
558
560
20
656
627
28
Notes:
1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. 2
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.


Similar Part No. - HLMP-C317-Y0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C317 HP-HLMP-C317 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C317-Y0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com