Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G66GW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC1G66GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 14Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2004 Apr 13
11
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPHL/tPLH
propagation delay Y to Z
or Z to Y
see Figs 14 and 16
1.65 to 1.95
0.8
2
ns
2.3 to 2.7
0.4
1.2
ns
2.7
0.4
1
ns
3.0 to 3.6
0.3
0.8
ns
4.5 to 5.5
0.2
0.6
ns
tPZH/tPZL
turn-ON time E to VOS
see Figs 15 and 16
1.65 to 1.95
1
5.3
12
ns
2.3 to 2.7
1
3.0
6.5
ns
2.7
1
2.6
6
ns
3.0 to 3.6
1
2.5
5
ns
4.5 to 5.5
1
1.9
4.2
ns
tPHZ/tPLZ
turn-OFF time E to VOS
see Figs 15 and 16
1.65 to 1.95
1
4.2
10
ns
2.3 to 2.7
1
2.4
6.9
ns
2.7
1
3.6
7.5
ns
3.0 to 3.6
1
3.4
6.5
ns
4.5 to 5.5
1
2.5
5
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay Y to Z
or Z to Y
see Figs 14 and 16
1.65 to 1.95
−−
3ns
2.3 to 2.7
−−
2ns
2.7
−−
1.5
ns
3.0 to 3.6
−−
1.5
ns
4.5 to 5.5
−−
1ns
tPZH/tPZL
turn-ON time E to VOS
see Figs 15 and 16
1.65 to 1.95
1
15.5
ns
2.3 to 2.7
1
8.5
ns
2.7
1
8ns
3.0 to 3.6
1
6.5
ns
4.5 to 5.5
1
5.5
ns
tPHZ/tPLZ
turn-OFF time E to VOS
see Figs 15 and 16
1.65 to 1.95
1
13
ns
2.3 to 2.7
1
9ns
2.7
1
9.5
ns
3.0 to 3.6
1
8.5
ns
4.5 to 5.5
1
6.5
ns


Similar Part No. - 74LVC1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G66GW NXP-74LVC1G66GW Datasheet
126Kb / 22P
   Bilateral switch
Rev. 06-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G66GW NEXPERIA-74LVC1G66GW Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GW-Q100 NEXPERIA-74LVC1G66GW-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Similar Description - 74LVC1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com