Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G66GV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G66GV
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GV Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G66GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2004 Apr 13
3
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT E
SWITCH
L
OFF
HON
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G66GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
VL
74LVC1G66GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
V66
PIN
SYMBOL
DESCRIPTION
1
Y
independent input/output
2
Z
independent output/input
3
GND
ground (0 V)
4
E
enable input (active HIGH)
5VCC
supply voltage
handbook, halfpage
1
2
3
5
4
MNA074
66
VCC
Z
E
GND
Y
Fig.1 Pin configuration.
handbook, halfpage
MNA657
Y
E
Z
Fig.2 Logic symbol.


Similar Part No. - 74LVC1G66GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G66GV NXP-74LVC1G66GV Datasheet
126Kb / 22P
   Bilateral switch
Rev. 06-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G66GV NEXPERIA-74LVC1G66GV Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GV-Q100 NEXPERIA-74LVC1G66GV-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Similar Description - 74LVC1G66GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com