Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C517-N0001 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-C517-N0001
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C517-N0001 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-C517-N0001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Part Numbering System
HLMP - C x xx - x x x xx
Mechanical Options
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
B2: Right Angle Housing, Even Leads
UQ: Ammo Pack, Horizontal Leads
Color Bin Options
0: Full Color Bin Distribution
D: Color Bins 4 & 5 only
Maximum Iv Bin Options
0: Open (No Maximum Limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Viewing Angle & Standoffs Options
15: 15 Degree, without Standoffs
17: 15 Degree, with Standoffs
23: 25 Degree, without Standoffs
Color Options
1. AS AlGaAs Red
2. High Efficiency Red
3. Yellow
4. Orange
5. Green
6. Emerald Green
Package Options
C: T-1 3/4 (5 mm)


Similar Part No. - HLMP-C517-N0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C517 HP-HLMP-C517 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C517-N0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com