Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C623-N0001 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-C623-N0001
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C623-N0001 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-C623-N0001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-C623-N0001 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Color Categories
Lambda (nm)
Color
Category #
Min.
Max.
6
561.5
564.5
5
564.5
567.5
Green
4
567.5
570.5
3
570.5
573.5
2
573.5
576.5
1
582.0
584.5
3
584.5
587.0
Yellow
2
587.0
589.5
4
589.5
592.0
5
592.0
593.0
1
597.0
599.5
2
599.5
602.0
3
602.0
604.5
Orange
4
604.5
607.5
5
607.5
610.5
6
610.5
613.5
7
613.5
616.5
8
616.5
619.5
Tolerance for each bin limit is
± 0.5 nm.
Intensity Bin Limits, continued
Intensity Range (mcd)
Color
Bin
Min.
Max.
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
L
201.1
289.0
Green/
M
289.0
417.0
Emerald Green
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0
Maximum tolerance for each bin limit is
± 18%.


Similar Part No. - HLMP-C623-N0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C623 HP-HLMP-C623 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C623 HP-HLMP-C623 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C623 AVAGO-HLMP-C623 Datasheet
271Kb / 10P
   Very high intensity
More results

Similar Description - HLMP-C623-N0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com