Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-03A500 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SRAH-03A500
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-03A500 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button SRAH-03A500 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 9Page - Bel Fuse Inc. SRAH-03A500 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 07.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05xRAH-03A
12V Input / 1.5V – 5.0V Output / 3A
page 6
Note: On/off pin designed to work with an open collector/drain switch.
Efficiency Data
Module 5.0V
60%
70%
80%
90%
100%
0.30
0.75
1.50
2.25
3.00
Output Current
10.8V
12.0V
13.2V
Module 3.3V
50%
60%
70%
80%
90%
100%
0.30
0.75
1.50
2.25
3.00
Output Current
10.8V
12.0V
13.2V
Module 2.5V
50%
60%
70%
80%
90%
100%
0.30
0.75
1.50
2.25
3.00
Output Current
10.8V
12.0V
13.2V
Module 1.8V
40%
50%
60%
70%
80%
90%
100%
12
3
4
5
Output Current
10.8V
12.0V
13.2V
Module 1.5V
40%
50%
60%
70%
80%
90%
100%
0.30
0.75
1.50
2.25
3.00
Output Current
10.8V
12.0V
13.2V


Similar Part No. - SRAH-03A500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-03C090 BEL-SRAH-03C090 Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C090 BEL-SRAH-03C090 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C120 BEL-SRAH-03C120 Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C120 BEL-SRAH-03C120 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C150 BEL-SRAH-03C150 Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-03A500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com