Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-05B120 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # SRAH-05B120
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-05B120 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button SRAH-05B120 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 9Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 10Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 11Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 12Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 13Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 14Page - Bel Fuse Inc. SRAH-05B120 Datasheet HTML 15Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06xRAH-05B
5V Input / 1.2V – 3.3V Output / 5A
page 11
Output Voltage Set-Point Adjustment
Vo
Trim
Gnd
Vo
Trim
Gnd
Trim Down Test Circuit
Trim Up Test Circuit
Output Voltage Set-Point Adjustment
xRAH-05B330 Trim Resistor Calculation
Rtrim down =
7.914
Vo – Vo, adj
– 8.27
) Kohm
(
Rtrim up =
2.528
Vo, adj – Vo
– 5.11
) Kohm
(
2.97
3
3.04
3.07
3.1
3.13
3.17
3.2
3.23
3.27
3.3
0.01
30.01
60.01
90.01
120.01
150.01
180
210
240
270
Adjusted output voltage Vo,adj (V)
3.3
3.33
3.37
3.4
3.43
3.46
3.5
3.53
3.56
3.6
3.63
0.01
30.01
60.01
90.01
120.01
150.01
180
210
240
270
Adjusted output voltage Vo,adj(V)


Similar Part No. - SRAH-05B120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-05BT50 BEL-SRAH-05BT50 Datasheet
134Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
More results

Similar Description - SRAH-05B120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com