Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC32245A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC32245A
Description  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32245A Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC32245A Datasheet HTML 1Page - NXP Semiconductors 74LVC32245A Datasheet HTML 2Page - NXP Semiconductors 74LVC32245A Datasheet HTML 3Page - NXP Semiconductors 74LVC32245A Datasheet HTML 4Page - NXP Semiconductors 74LVC32245A Datasheet HTML 5Page - NXP Semiconductors 74LVC32245A Datasheet HTML 6Page - NXP Semiconductors 74LVC32245A Datasheet HTML 7Page - NXP Semiconductors 74LVC32245A Datasheet HTML 8Page - NXP Semiconductors 74LVC32245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 01
2
Philips Semiconductors
Product specification
32-bit bus transceiver with direction pin;
5 V tolerant; 3-state
74LVC32245A;
74LVCH32245A
FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range of 1.2 to 3.6 V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTE™ flow-trough standard pin-out architecture
• Low inductance multiple power and ground pins for
minimum noise and ground bounce
• Direct interface with TTL levels
• Bus hold on data inputs (74LVCH32245A only)
• Typical output ground bounce voltage:
VOLP <0.8VatVCC = 3.3 V; Tamb =25 °C
• Typical output VOH undershoot voltage:
VOHV >2VatVCC = 3.3 V; Tamb =25 °C
• Power-off disabled outputs, permitting live insertion
• Plastic fine-pitch ball grid array package.
DESCRIPTION
The 74LVC(H)32245A is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most
advanced CMOS compatible TTL families. Inputs can be
driven from either 3.3 or 5 V devices. In 3-state operation,
outputs can handle 5 V. These features allow the use of
these devices in a mixed 3.3 and 5 V environment.
The 74LVC(H)32245A is a 32-bit transceiver featuring
non-inverting 3-state bus compatible outputs in both send
and receive directions. The 74LVC(H)32245A features two
output enable (nOE) inputs for easy cascading and two
send or receive (nDIR) inputs for direction control. nOE
controls the outputs so that the buses are effectively
isolated.
To ensure the high-impedance state during power-up or
power-down, input nOE should be tied to VCC through a
pull-up resistor; the minimum value of the resistor is
determined by the current-sinking capability of the driver.
The 74LVCH32245A bus hold data inputs eliminates the
need for external pull-up resistors to hold unused or
floating data inputs at a valid logic level (see Fig.2).
QUICK REFERENCE DATA
Ground = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Note
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
Σ(CL × VCC2 × fo) = sum of the outputs.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay
nAn to nBn;nBn to nAn
CL = 50 pF; VCC = 3.3 V
3.0
ns
CI
input capacitance
5.0
pF
CI/O
input/output capacitance
10
pF
CPD
power dissipation capacitance per
buffer
VI = GND to VCC; note 1
30
pF


Similar Part No. - 74LVC32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245AEC NXP-74LVC32245AEC Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245AEC NEXPERIA-74LVC32245AEC Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
More results

Similar Description - 74LVC32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com