Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH32244A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVCH32244A
Description  32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH32244A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVCH32244A Datasheet HTML 5Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 6Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 7Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 8Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 9Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 10Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 11Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 12Page - NXP Semiconductors 74LVCH32244A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Aug 31
9
Philips Semiconductors
Product specification
32-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC32244A;
74LVCH32244A
Fig.5 3-state enable and disable times.
VM = 1.5 V at VCC ≥ 2.7 V or
VM = 0.5 × VCC at VCC < 2.7 V;
VX =VOL + 0.3 V at VCC ≥ 2.7 V or
VX =VOL + 0.1 V at VCC < 2.7 V;
VY =VOH − 0.3VatVCC ≥ 2.7 V or
VY =VOH − 0.1VatVCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA478
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
OUTPUT
LOW-to-OFF
OFF-to-LOW
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
nOE INPUT
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
RL = load resistor.
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance
Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
2
× VCC
tPHZ/tPZH
GND
VCC
VI
< 2.7 V
VCC
2.7 to 3.6 V 2.7 V
handbook, full pagewidth
open
GND
50 pF
2
× VCC
VCC
VI
VO
MNA479
D.U.T.
CL
RL
RT
500
RL
500
PULSE
GENERATOR
S1


Similar Part No. - 74LVCH32244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
More results

Similar Description - 74LVCH32244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com