Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC32244AEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC32244AEC
Description  32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32244AEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC32244AEC Datasheet HTML 3Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 4Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 5Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 6Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 7Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 8Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 9Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 10Page - NXP Semiconductors 74LVC32244AEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Aug 31
7
Philips Semiconductors
Product specification
32-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC32244A;
74LVCH32244A
DC CHARACTERISTICS
Over recommended operating conditions; voltage are referenced to GND (ground=0V).
Notes
1. All typical values are at VCC = 3.3 V and Tamb =25 °C.
2. For bus hold parts the bus hold circuit is switched off when VI exceeds VCC allowing 5.5 V on the input terminal.
3. Valid for data inputs of bus hold parts only (LVCH32xxx-A).
4. For data inputs only. Control inputs do not have a bus hold circuit.
5. The specified sustaining current at the data input holds the input below the specified VI level.
6. The specified overdrive current at the data input forces the data input to the opposite logic input level.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
MIN.
TYP.(1) MAX.
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6 2.0
−−
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −12 mA
2.7
VCC − 0.5 −−
V
IO = −100 µA
3.0
VCC − 0.2 VCC
IO = −18 mA
3.0
VCC − 0.6 −−
IO = −24 mA
3.0
VCC − 0.8 −−
VOL
LOW-level output voltage
VI =VIH or VIL
IO =12mA
2.7
−−
0.40
V
IO = 100 µA
3.0
−−
0.20
IO =24mA
3.0
−−
0.55
II
input leakage current
VI = 5.5 V or GND;
note 2
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
0.1
±5
µA
Ioff
power off leakage supply
VI or VO = 5.5 V
0.0
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
3.6
0.1
40
µA
∆I
CC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V; IO = 0
2.7 to 3.6
5
500
µA
IBHL
bus hold LOW sustaining current
VI = 0.8 V;
notes 3, 4 and 5
3.0
75
−−
µA
IBHH
bus hold HIGH sustaining current VI = 2.0 V;
notes 3, 4 and 5
3.0
−75
−−
µA
IBHLO
bus hold LOW overdrive current
notes 3, 4 and 6
3.6
500
−−
µA
IBHHO
bus hold HIGH overdrive current
notes 3, 4 and 6
3.6
−500
−−
µA


Similar Part No. - 74LVC32244AEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245AEC PHILIPS-74LVC32245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245AEC NXP-74LVC32245AEC Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results

Similar Description - 74LVC32244AEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com