Electronic Components Datasheet Search |
|
GRM15XR71H331KA86 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
GRM15XR71H331KA86 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 13 page No. Item Specifications Test Method Temperature Compensating Type See the previous pages Within the specified dimensions No defects or abnormalities C V0.047µF : More than 10,000MΩ C G0.047µF : 500Ω • F C : Nominal Capacitance 30pF and over : Q U1000 30pF and below : Q U400W20C C : Nominal Capacitance (pF) Within the specified tolerance No defects or abnormalities Y55 to W125D Operating Temperature Range Rated Voltage Appearance Dimensions Dielectric Strength Insulation Resistance Capacitance Q/ Dissipation Factor (D.F.) 1 2 3 4 5 6 7 8 Using calipers The insulation resistance should be measured with a DC voltage not exceeding the rated voltage at 20 D/25D and 75%RH max. and within 2 minutes of charging, provided the charge/discharge current is less than 50mA. The capacitance/D.F. should be measured at 20 D/25D at the frequency and voltage shown in the table. No failure should be observed when 300% of the rated voltage (temperature compensating type) or 250% of the rated voltage (high dielectric constant type) is applied between the terminations for 1 to 5 seconds, provided the charge/discharge current is less than 50mA. Visual inspection The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor. When AC voltage is superimposed on DC voltage, VP-P or VO-P, whichever is larger, should be maintained within the rated voltage range. Reference Temperature : 25 D (2 ∆, 3∆, 4∆, B1, B3, F1, R1 : 20D) High Dielectric Type B1, B3, F1 : Y25D to W85D R1, R7 : Y55D to W125D E4 : W10D to W85D F5 : Y30D to W85D [B1, B3, R1, R6, R7, E4] W.V. : 25Vmin. : 0.025max. W.V. : 16/10V : 0.035max. W.V. : 6.3V/4V : 0.05max. (C F3.3µF) : 0.1max. (C U3.3µF) [F1, F5] W.V. : 25Vmin. : 0.05max. (C F0.1µF) : 0.09max. (C U0.1µF) W.V. : 16V/10V : 0.125max. W.V. : 6.3V : 0.15max. Item ∆C to ∆U, 1X (1000pF and below) ∆C to ∆U, 1X (more than 1000pF) R6, R7, F5 B1, B3, F1 E4 1 T0.1MHz 0.5 to 5Vrms Frequency Voltage 1 T0.1kHz 1 T0.2Vrms Char. 1 T0.1kHz 0.5 T0.05Vrms Continued on the following page. s Specifications and Test Methods !Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc. • You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification. Capacitors |
Similar Part No. - GRM15XR71H331KA86 |
|
Similar Description - GRM15XR71H331KA86 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |