Electronic Components Datasheet Search |
|
LMC6084LM Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
LMC6084LM Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 14 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Differential Input Voltage ±Supply Voltage Voltage at Input/Output Pin (V +) +0.3V, (V −) −0.3V Supply Voltage (V + −V−) 16V Output Short Circuit to V + (Note 11) Output Short Circuit to V − (Note 2) Lead Temperature (Soldering, 10 Sec.) 260˚C Storage Temp. Range −65˚C to +150˚C Junction Temperature 150˚C ESD Tolerance (Note 4) 2 kV Current at Input Pin ±10 mA Current at Output Pin ±30 mA Current at Power Supply Pin 40 mA Power Dissipation (Note 3) Operating Ratings (Note 1) Temperature Range LMC6084AM −55˚C ≤ T J ≤ +125˚C LMC6084AI, LMC6084I −40˚C ≤ T J ≤ +85˚C Supply Voltage 4.5V ≤ V+ ≤ 15.5V Thermal Resistance ( θ JA) (Note 12) 14-Pin Molded DIP 81˚C/W 14-Pin SO 126˚C/W Power Dissipation (Note 10) DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T J = 25˚C. Boldface limits apply at the temperature extremes. V + = 5V, V− = 0V, V CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified. Typ LMC6084AM LMC6084AI LMC6084I Symbol Parameter Conditions (Note 5) Limit Limit Limit Units (Note 6) (Note 6) (Note 6) V OS Input Offset Voltage 150 350 350 800 µV 1000 800 1300 Max TCV OS Input Offset Voltage 1.0 µV/˚C Average Drift I B Input Bias Current 0.010 pA 100 4 4 Max I OS Input Offset Current 0.005 pA 100 2 2 Max R IN Input Resistance >10 Tera Ω CMRR Common Mode 0V ≤ V CM ≤ 12.0V 85 75 75 66 dB Rejection Ratio V + = 15V 72 72 63 Min +PSRR Positive Power Supply 5V ≤ V+ ≤ 15V 85 75 75 66 dB Rejection Ratio V O = 2.5V 72 72 63 Min −PSRR Negative Power Supply 0V ≤ V− ≤ −10V 94 84 84 74 dB Rejection Ratio 81 81 71 Min V CM Input Common-Mode V + = 5V and 15V −0.4 −0.1 −0.1 −0.1 V Voltage Range for CMRR ≥ 60 dB 00 0 Max V + − 1.9 V + − 2.3 V + − 2.3 V + − 2.3 V V + − 2.6 V + − 2.5 V + − 2.5 Min A V Large Signal R L =2k Ω Sourcing 1400 400 400 300 V/mV Voltage Gain (Note 7) 300 300 200 Min Sinking 350 180 180 90 V/mV 70 100 60 Min R L = 600 Ω Sourcing 1200 400 400 200 V/mV (Note 7) 150 150 80 Min Sinking 150 100 100 70 V/mV 35 50 35 Min www.national.com 2 |
Similar Part No. - LMC6084LM |
|
Similar Description - LMC6084LM |