Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC377D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC377D
Description  Octal D-type flip-flop with data enable; positive-edge trigger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC377D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC377D Datasheet HTML 2Page - NXP Semiconductors 74LVC377D Datasheet HTML 3Page - NXP Semiconductors 74LVC377D Datasheet HTML 4Page - NXP Semiconductors 74LVC377D Datasheet HTML 5Page - NXP Semiconductors 74LVC377D Datasheet HTML 6Page - NXP Semiconductors 74LVC377D Datasheet HTML 7Page - NXP Semiconductors 74LVC377D Datasheet HTML 8Page - NXP Semiconductors 74LVC377D Datasheet HTML 9Page - NXP Semiconductors 74LVC377D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVC377
Octal D-type flip-flop with data enable;
positive-edge trigger
1998 Jul 29
6
TEST CIRCUIT
VM
VM
tW
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
VI
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tf)
tTLH (tr)tTHL (tf)
tTLH (tr)
VM = 1.5V
Input Pulse Definition
SY00044
SWITCH POSITION
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL= 50pF
RL = 1k
Vcc
Test Circuit for Outputs
Open
GND
S1
VS1
DEFINITIONS
VCC
VI
< 2.7V
2.7–3.6V
VCC
2.7V
TEST
S1
tPLZ/tPZL
tPLH/tPHL
tPHZ/tPZH
VS1
Open
GND
VS1
≥ 4.5 V
2
< VCC
VCC
2
< VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of
pulse generators.
VI
2
< VCC
RL = 1k
Waveform 3. Load circuitry for switching times.


Similar Part No. - 74LVC377D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC377D NEXPERIA-74LVC377D Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
More results

Similar Description - 74LVC377D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74HC377 PHILIPS-74HC377 Datasheet
60Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com