Electronic Components Datasheet Search |
|
GRM188R71H103KA01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
GRM188R71H103KA01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 13 page No. Item Specifications Test Method Temperature Compensating Type High Dielectric Type 18 High Temperature Load The measured and observed characteristics should satisfy the specifications in the following table Apply 200% of the rated voltage at the maximum operating temperature T3D for 1000T12 hours. Set for 24 T2 hours (temperature compensating type) or 48 T4 hours (high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA. #Initial measurement for high dielectric constant type. Apply 200% of the rated DC voltage at the maximun operating temperature T3D for one hour. Remove and set for 48T4 hours at room temperature. Perform initial measurement. Appearance No defects or abnormalities Capacitance Change Within T3% or T0.3pF (Whichever is larger) B1, B3, R1, R6, R7 : Within T12.5% F1, F5, E4 : Within T30% [Exept 10Vmax. and. C U1.0µF] F1, F5 : Within W30/Y40% [10Vmax. and. C U1.0µF] Q/D.F. 30pF and over : Q U350 10pF and over 30pF and below : Q U275W2.5C 10pF and below : Q U200W10C C : Nominal Capacitance (pF) [B1, B3, R1, R6, R7, E4] W.V. : 25Vmin. : 0.04max. W.V. : 16/10V : 0.05max. W.V. : 6.3V : 0.075max.(C F3.3µF) : 0.125max.(C U3.3µF) [F1, F5] W.V. : 25Vmin. : 0.075max.(C F0.1µF) : 0.125max.(C U0.1µF) W.V. : 16V/10V : 0.15max. W.V. : 6.3V : 0.2max. I.R. More than 1,000M Ω or 50Ω#F (Whichever is smaller) Continued from the preceding page. 17 Humidity Load The measured and observed characteristics should satisfy the specifications in the following table Apply the rated voltage at 40 T2D and 90 to 95% humidity for 500 T12 hours. Remove and set for 24T2 hours (temperature compensating type) or 48 T4 hours (high dielectric constant type) at room temprature, then muasure. The charge/discharge current is less than 50mA. #Initial measurement for F1, F5/10V max. Apply the rated DC voltage for 1 hour at 40 T2D. Remove and set for 48 T4 hours at room temperature. Perform initial measurement. Appearance No defects or abnormalities Capacitance Change Within T7.5% or T0.75pF (Whichever is larger) B1, B3, R1, R6, R7 : Within T12.5% F1, F5, E4 : Within T30% [W.V. : 10Vmax.] F1, F5 : Within W30/Y40% Q/D.F. 30pF and over : Q U200 30pF and below : Q U100W10C/3 C : Nominal Capacitance (pF) [B1, B3, R1, R6, R7, E4] W.V. : 25Vmin. : 0.05max. W.V. : 16/10V : 0.05max. W.V. : 6.3V : 0.075max. (C F3.3µF) : 0.125max. (C U3.3µF) [F1, F5] W.V. : 25Vmin. : 0.075max. (C F0.1µF) : 0.125max. (C U0.1µF) W.V. : 16V/10V : 0.15max. W.V. : 6.3V : 0.2max. I.R. More than 500M Ω or 25Ω • F (Whichever is smaller) Continued on the following page. !Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc. • You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification. Capacitors |
Similar Part No. - GRM188R71H103KA01 |
|
Similar Description - GRM188R71H103KA01 |