Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8967001CA Datasheet(PDF) 9 Page - Analog Devices

Part # 5962-8967001CA
Description  Low Voltage Micropower Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8967001CA Datasheet(HTML) 9 Page - Analog Devices

Back Button 5962-8967001CA Datasheet HTML 5Page - Analog Devices 5962-8967001CA Datasheet HTML 6Page - Analog Devices 5962-8967001CA Datasheet HTML 7Page - Analog Devices 5962-8967001CA Datasheet HTML 8Page - Analog Devices 5962-8967001CA Datasheet HTML 9Page - Analog Devices 5962-8967001CA Datasheet HTML 10Page - Analog Devices 5962-8967001CA Datasheet HTML 11Page - Analog Devices 5962-8967001CA Datasheet HTML 12Page - Analog Devices 5962-8967001CA Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. C
OP490
–9–
1
2
34
5
67
14
13
12
11
10
98
–18V
+18V
GND
C
B
D
A
Figure 2. Burn-In Circuit
+15V
–15V
1k
+15V
–15V
V2
100
10k
1/4
OP490A
1/4
OP490B
OP37A
V1
VIN
1/4
OP490C
1/4
OP490D
20V p-p @ 10Hz
CHANNEL SEPARATION = 20 LOG
V1
V2/1000
Figure 3. Channel Separation Test Circuit
APPLICATIONS INFORMATION
Battery-Powered Applications
The OP490 can be operated on a minimum supply voltage of
1.6 V, or with dual supplies of
±0.8 V, and draws only 60 mA of
supply current. In many battery-powered circuits, the OP490
can be continuously operated for hundreds of hours before
requiring battery replacement, reducing equipment downtime,
and operating costs.
High performance portable equipment and instruments fre-
quently use lithium cells because of their long shelf-life, light
weight, and high energy density relative to older primary cells.
Most lithium cells have a nominal output voltage of 3 V and are
noted for a flat discharge characteristic. The low supply current
HOURS
4
3
0
0
1750
250
500
750
2
1
1000
1500
Figure 4. Lithium-Sulphur Dioxide Cell Discharge Charac-
teristic with OP490 and 100 k
W Loads
requirement of the OP490, combined with the flat discharge
characteristic of the lithium cell, indicates that the OP490 can
be operated over the entire useful life of the cell. Figure 4 shows
the typical discharge characteristic of a 1 Ah lithium cell power-
ing an OP490 with each amplifier, in turn, driving full output
swing into a 100 k
W load.
Single-Supply Output Voltage Range
In single-supply operation the OP490’s input and output ranges
include ground. This allows true “zero-in, zero-out” operation.
The output stage provides an active pull-down to around 0.8 V
above ground. Below this level, a load resistance of up to 1 M
W
to ground is required to pull the output down to zero.
In the region from ground to 0.8 V, the OP490 has voltage gain
equal to the data sheet specification. Output current source
capability is maintained over the entire voltage range including
ground.
Input Voltage Protection
The OP490 uses a PNP input stage with protection resistors in
series with the inverting and noninverting inputs. The high
breakdown of the PNP transistors coupled with the protection
resistors provides a large amount of input protection, allowing
the inputs to be taken 20 V beyond either supply without dam-
aging the amplifier.


Similar Part No. - 5962-8967001CA

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
5962-8967401QA CIRRUS-5962-8967401QA Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
5962-8967401XA CIRRUS-5962-8967401XA Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
5962-8967402QA CIRRUS-5962-8967402QA Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
5962-8967402XA CIRRUS-5962-8967402XA Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
5962-8967601QA CIRRUS-5962-8967601QA Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results

Similar Description - 5962-8967001CA

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
OP490 MAXWELL-OP490 Datasheet
249Kb / 9P
   Low Voltage Micropower Quad Operational Amplifier
logo
Analog Devices
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
   Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490 AD-OP490_15 Datasheet
226Kb / 16P
   Low Voltage, Micropower, Quad Operational Amplifier
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com