Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R71C474KC01 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GRM219R71C474KC01
Description  High Dielectric Constant Type 6.3/16/25/50V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM219R71C474KC01 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GRM219R71C474KC01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 12Page - List of Unclassifed Manufacturers GRM219R71C474KC01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Continued from the preceding page.
*1Nominal values denote the temperature coefficient within a range of 25D to 125D (for ∆C)/85D (for other TC).
5C
6C
6P
6R
6S
6T
7U
1X
Y000T030
Y000T060
Y150T060
Y220T060
Y330T060
Y470T060
Y750T120
W350 to Y1000
0.25
0.38
1.02
1.32
1.79
2.39
3.84
Y
0.40
0.59
1.61
2.08
2.81
3.75
6.04
Y
0.58
0.87
2.33
3.02
4.09
5.46
8.78
Y
Y0.11
Y0.21
0.32
0.56
0.95
1.44
2.21
Y
Y0.17
Y0.33
0.50
0.88
1.49
2.26
3.47
Y
Y0.24
Y0.48
0.72
1.28
2.16
3.28
5.04
Y
Char.
Nominal Values (ppm/
D)*1
Capacitance Change from 25
D (%)
Max.
Min.
Y30
Y10
Max.
Min.
Y55
Max.
Min.
Table A-1
(1)
*2Nominal values denote the temperature coefficient within a range of 20D to 125D (for ∆C)/85D (for other TC).
2C
3C
4C
2P
3P
4P
2R
3R
4R
2S
3S
4S
2T
3T
4T
3U
4U
Y000T060
Y000T120
Y150T250
Y150T060
Y150T120
Y150T250
Y220T060
Y220T120
Y220T250
Y330T060
Y330T120
Y330T250
Y470T060
Y470T120
Y470T250
Y750T120
Y750T250
0.33
0.55
1.02
0.88
1.10
1.57
1.13
1.35
1.83
1.54
1.76
2.23
2.05
2.27
2.74
3.29
3.77
0.49
0.82
1.54
1.32
1.65
2.36
1.70
2.03
2.74
2.30
2.63
3.35
3.07
3.40
4.12
4.94
5.65
0.82
1.37
2.56
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y0.18
Y0.36
Y0.75
0.27
0.09
Y0.30
0.48
0.30
Y0.09
0.81
0.63
0.24
1.23
1.05
0.66
1.89
1.50
Y0.27
Y0.54
Y1.13
0.41
0.14
Y0.45
0.72
0.45
Y0.14
1.22
0.95
0.36
1.85
1.58
0.99
2.84
2.25
Y0.45
Y0.90
Y1.88
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Char.
Nominal Values (ppm/
D)*2
Capacitance Change from 20
D (%)
Max.
Min.
Y25
Y10
Max.
Min.
Y55
Max.
Min.
(2)
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors


Similar Part No. - GRM219R71C474KC01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219R71C474KA01 MURATA1-GRM219R71C474KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM219R71C474KA01D MURATA1-GRM219R71C474KA01D Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM219R71C474KA01J MURATA1-GRM219R71C474KA01J Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM219R71C474KC01

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HIK LSTD-HIK Datasheet
108Kb / 2P
   Adjusted dielectric constant
LOK LSTD-LOK Datasheet
134Kb / 2P
   Low dielectric constant
logo
Kemet Corporation
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
logo
ERNI Electronics
100103210120 ERNI-100103210120 Datasheet
100Kb / 1P
   TMC-S 25-EESV-3.0-6.3-BA8-ZV
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com