Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188F51H104ZA01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GRM188F51H104ZA01
Description  High Dielectric Constant Type 6.3/16/25/50V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM188F51H104ZA01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GRM188F51H104ZA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 12Page - List of Unclassifed Manufacturers GRM188F51H104ZA01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Capacitors
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Monolithic Ceramic Capacitors GR_R6/R7/F5/E4 (X5R/X7R/Y5V/Z5U)
High Dielectric Constant Type 100V
Part Number
Rated Voltage
(Vdc)
TC Code
Capacitance*
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
GRM188R72A222KD01
GRM188R72A332KD01
GRM219R72A472KA01
GRM219R72A682KA01
GRM21BR72A103KA01
GRM31MR72A333KA01
GRM31MR72A473KA01
GRM32NR72A683KA01
GRM32NR72A104KA01
GRM43RR72A154KA01
GRM43RR72A224KA01
GRM43DR72A474KA01
GRM55DR72A105KA01
GRM188F52A472ZD01
GRM32NF52A104ZA01
GRM55RF52A474ZA01
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
X7R (EIA)
Y5V (EIA)
Y5V (EIA)
Y5V (EIA)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
2200pF
±10%
3300pF
±10%
4700pF
±10%
6800pF
±10%
10000pF
±10%
33000pF
±10%
47000pF
±10%
68000pF
±10%
0.1
µF±10%
0.15
µF±10%
22000pF
±10%
0.47
µF±10%
1
µF ±10%
4700pF +80%, -20%
10000pF +80%, -20%
0.47
µF +80%, -20%
1.6
1.6
2.0
2.0
2.0
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
1.6
3.2
5.7
0.8
0.8
1.25
1.25
1.25
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
0.8
2.5
5.0
0.80
0.80
0.90
0.90
1.25
1.15
1.15
1.35
1.35
1.80
1.80
2.00
2.00
0.80
1.35
1.80
Monolithic Ceramic Capacitors GR_R6/R7/F5/E4 (X5R/X7R/Y5V/Z5U)
Thin Layer Large-Capacitance type
L
LW
T
Dimensions (mm)
e min.
g min.
0.3
0.3
2.0
±0.2
GRM32D
2.5
±0.2
GRM32E
4.5
±0.4 3.2 ±0.3
2.0
2.8
±0.2
GRM43S
2.5
±0.2
GRM43E
2.0
±0.2
GRM43D
5.7
±0.4 5.0 ±0.4
2.0
3.2
±0.2
GRM55F
0.85
±0.1
1.25
±0.1
GRM21B
2.0
±0.1 1.25 ±0.1
0.2 to 0.7 0.7
0.6
±0.1
GRM219
1.6
±0.1 0.8 ±0.1
0.2 to 0.5 0.5
0.8
±0.1
GRM188
GRM216
1.6
±0.1 0.8 ±0.1
0.2 to 0.5 0.5
0.5 +0/-0.2
GRM185
W
e
e
g
1.6
±0.2
GRM31M
0.85
±0.1
GRM319
1.15
±0.1
GRM31C
3.2
±0.3 2.5 ±0.2
0.3
1.0
3.2
±0.2 1.6 ±0.2
3.2
±0.15 1.6 ±0.15
0.3 to 0.8 1.5
0.6
±0.1
GRM316
1.0
±0.05 0.5 ±0.05
0.15 to 0.3 0.4
0.5
±0.05
0.6
±0.03 0.3 ±0.03
0.1 to 0.2 0.2
0.3
±0.03
GRM155
GRM033
Part Number
Part Number
Rated Voltage
(Vdc)
TC Code
Capacitance*
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
GRM155R60J154KE01
GRM155R60J224KE01
GRM155R60J334KE01
GRM155R60J474KE19
GRM188R60J225KE01
GRM219R60J475KE01
GRM21BR60J106KE01
GRM21BR60J106ME01
GRM32DR60J226KA01
GRM32ER60J476ME20
GRM43SR60J107ME20
GRM55FR60J107KA01
GRM55FR60J107MA01
GRM21BF50J106ZE01
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
X5R (EIA)
Y5V (EIA)
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
0.15
µF±10%
22000pF
±10%
0.33
µF±10%
0.47
µF±10%
2.2
µF ±10%
4.7
µF ±10%
10
µF ±10%
10
µF ±20%
22
µF ±10%
47
µF ±20%
100
µF ±20%
100
µF ±10%
100
µF ±20%
10
µF +80%, -20%
1.0
1.0
1.0
1.0
1.6
2.0
2.0
2.0
3.2
3.2
4.5
5.7
5.7
2.0
0.5
0.5
0.5
0.5
0.8
1.25
1.25
1.25
2.5
2.5
3.2
5.0
5.0
1.25
0.50
0.50
0.50
0.50
0.80
0.90
1.25
1.25
2.00
2.50
2.80
3.20
3.20
1.25


Similar Part No. - GRM188F51H104ZA01

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188F51H224ZA01D IRF-GRM188F51H224ZA01D Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
GRM188F51H224ZA01D IRF-GRM188F51H224ZA01D Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

Similar Description - GRM188F51H104ZA01

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HIK LSTD-HIK Datasheet
108Kb / 2P
   Adjusted dielectric constant
LOK LSTD-LOK Datasheet
134Kb / 2P
   Low dielectric constant
logo
Kemet Corporation
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
logo
ERNI Electronics
100103210120 ERNI-100103210120 Datasheet
100Kb / 1P
   TMC-S 25-EESV-3.0-6.3-BA8-ZV
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com