Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BF51C225ZA01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GRM21BF51C225ZA01
Description  High Dielectric Constant Type 6.3/16/25/50V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM21BF51C225ZA01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GRM21BF51C225ZA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM21BF51C225ZA01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
High Dielectric Type
16
Humidity
(Steady
State)
The measured and observed characteristics should satisfy the
specifications in the following table
Set the capacitor at 40
T2D and in 90 to 95% humiduty for
500
T12 hours.
Remove and set for 24
T2 hours (temperature compensating
type) or 48
T4 hours (high dielectric constant type) at room
temperature, then measure.
Appearance
No defects or abnormalities
Capacitance
Change
Within
T5% or T0.5pF
(Whichever is larger)
B1, B3, R1, R6, R7, C8
: Within
T12.5%
F1, F5 : Within
T30%
Q/D.F.
30pF and over : Q
U350
10pF and over
30pF and below :
Q
U275W2.5C
10pF and below :
Q
U200W10C
C : Nominal Capacitance (pF)
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.05max.
W.V. : 16/10V : 0.05max.
W.V. : 6.3V/4V
: 0.075max. (C
F3.3µF)
: 0.125max. (C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.075max. (C
F0.1µF)
: 0.125max. (C
U0.1µF)
W.V. : 16V/10V : 0.15max.
W.V. : 6.3V : 0.2max.
I.R.
More than 1,000M
Ω or 50Ω • F (Whichever is smaller)
Continued from the preceding page.
Continued on the following page.
Temperature
Cycle
15
Fix the capacitor to the supporting jig in the same
manner and under the same conditions as (10).
Perform the five cycles according to the four heat treatments
shown in the following table.
Set for 24
T2 hours (temperature compensating type) or 48T4
hours (high dielectric constant type) at room temperature, then
measure.
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150
W0/Y10D for one hour and
then set at room temperature for 48
T4 hours.
Perform the initial measurement.
No defects or abnormalities
Within
T2.5% or T0.25pF
(Whichever is larger)
B1, B3, R1, R6, R7
: Within
T7.5%
F1, F5, E4 : Within
T20%
Appearance
Capacitance
Change
The measured and observed characteristics should safisfy the
specifications in the following table
More than 10,000M
Ω or 500Ω • F (Whichever is smaller)
30pF and over : Q
U1000
30pF and below :
Q
U400W20C
C : Nominal Capacitance (pF)
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V/4V
: 0.05max. (C
F3.3µF)
: 0.1max. (C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.1µF)
: 0.09max. (C
U0.1µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3V : 0.15max.
I.R.
No defects
Dielectric
Strength
Q/D.F.
Step
1234
Temp. (
D)
Time (min.)
Min.
Operating
Temp.
W0/Y3
Room
Temp.
Max.
Operating
Temp.
W3/Y0
Room
Temp.
30
T3
2 to 3
30
T3
2 to 3
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors


Similar Part No. - GRM21BF51C225ZA01

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
GRM21BF51C106ZE15L RFMD-GRM21BF51C106ZE15L Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
GRM21BF51C106ZE15L RFMD-GRM21BF51C106ZE15L Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
GRM21BF51C106ZE15L RFMD-GRM21BF51C106ZE15L Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
More results

Similar Description - GRM21BF51C225ZA01

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HIK LSTD-HIK Datasheet
108Kb / 2P
   Adjusted dielectric constant
LOK LSTD-LOK Datasheet
134Kb / 2P
   Low dielectric constant
logo
Kemet Corporation
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
logo
ERNI Electronics
100103210120 ERNI-100103210120 Datasheet
100Kb / 1P
   TMC-S 25-EESV-3.0-6.3-BA8-ZV
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com