Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPF322C Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF322C
Description  Fiber Optic GaAlAs LED in ST* Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF322C Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF322C Datasheet HTML 1Page - OPTEK Technologies OPF322C Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OPF322A, OPF322B, OPF322C
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
PO
Radiant Power Output
OPF322C
OPF322B
OPF322A
5.0
10.0
15.0
7.5
12.5
19.0
µW
IF = 100 mA
(2)
VF
Forward Voltage
1.8
2.0
V
IF = 100 mA
λp
Peak Output Wavelength
830
850
870
nm
IF = 50 mA
B
Spectral Bandwidth Between Half Power Points
35
nm
IF = 50 mA
tr
Output Rise Time
6.0
8.0
ns
IF = 100 mA, 10%-90%
(5)
tf
Output Fall Time
6.0
10.0
ns
IF = 100 mA, 90%-10%
(5)
Typical Performance Curves
Temperatures are
stepped in 25
o C
increments.
-50
o C
100
o C
Relative Coupled Power vs.
Forward Current
Forward Current - mA
-50
o C
100
o C
Temperatures are
stepped in 25
o C
increments.
8-37
Forward Voltage vs.
Forward Current
Forward Current - mA


Similar Part No. - OPF322C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF322 TTELEC-OPF322 Datasheet
743Kb / 4P
   Fiber Optic Transmitter
OPF322A TTELEC-OPF322A Datasheet
743Kb / 4P
   Fiber Optic Transmitter
OPF322A TTELEC-OPF322A Datasheet
743Kb / 4P
   Fiber Optic Transmitter
More results

Similar Description - OPF322C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF472 OPTEK-OPF472 Datasheet
297Kb / 2P
   Fiber Optic PIN Photodiode in st Receptacle
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
   Fiber Optic GaAlAs High Speed LED
logo
Micropac Industries
62074 MICROPAC-62074 Datasheet
80Kb / 2P
   FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
logo
OPTEK Technologies
OPF421 OPTEK-OPF421 Datasheet
269Kb / 2P
   FIBER OPTIC PIN PHOTODIODE IN SMA RECEPTACLE
logo
List of Unclassifed Man...
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
   LED Fiber Optic Illuminator
logo
OPTEK Technologies
OPF320A OPTEK-OPF320A Datasheet
289Kb / 2P
   Fiber Optic GaAIAs LED
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
   Fiber Optic LED Driver
logo
List of Unclassifed Man...
DK-2611-01 ETC2-DK-2611-01 Datasheet
720Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST
logo
PANDUIT CORP.
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
   ST Mini-Com짰 Fiber Optic Adapter Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com