Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WBD126FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WBD126FK
Description  Dual Bus Switch with Level Shift
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WBD126FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WBD126FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WBD126FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WBD126FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WBD126FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WBD126FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WBD126FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WBD126FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WBD126FK
2001-12-04
3
Electrical Characteristics
DC Characteristics (Ta
==== −−−−40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note 2)
Max
Unit
“H” level
VIH
4.5~5.5
2.0
Input voltage
“L” level
VIL
4.5~5.5
0.8
V
High-level output voltage
VOH
Figure 4
Input leakage current
IIN
VIN = 0~5.5 V
4.5~5.5
±1.0
µA
Power off leakage current
IOFF
A, B, OE
= 0~5.5 V
0
±1.0
µA
Off-state leakage current
(switch off)
ISZ
A, B
= 0~5.5 V, OE = GND
4.5~5.5
±1.0
µA
IIS = 30 mA
4.5
5
7
VIS = 0 V
IIS = 64 mA
4.5
5
7
ON resistance
(Note 3)
RON
VIS = 2.4 V, IIS = 15 mA
4.5
35
50
Switch ON
5.5
1.5
mA
ICC
VIN = VCC or GND
IOUT = 0
Switch OFF
5.5
10
µA
Quiescent supply current
∆ICC
VIN = 3.4 V (one input)
(Note 4)
5.5
2.5
mA
Note 2: Typical values are at VCC = 5 V and Ta = 25°C.
Note 3: Measured by the voltage drop between A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B) pins.
Note 4: Quiescent supply current at VCC = 3.4 V will be sum of ICC and ∆ICC.
AC Characteristics (Ta
==== −−−−40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note 5)
4.5
0.25
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 3
4.5
4.5
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
4.5
5.5
ns
Note 5: The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note 6)
5.0
3
pF
Switch terminal capacitance
CI/O
OE
= GND
(Note 6)
5.0
10
pF
Note 6: This parameter is guaranteed by design.


Similar Part No. - TC7WBD126FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WBD126AFK TOSHIBA-TC7WBD126AFK Datasheet
111Kb / 7P
   Dual Bus Switch with Level Shift
More results

Similar Description - TC7WBD126FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WBD126AFK TOSHIBA-TC7WBD126AFK Datasheet
111Kb / 7P
   Dual Bus Switch with Level Shift
TC7WBD125AFK TOSHIBA-TC7WBD125AFK Datasheet
118Kb / 7P
   Dual Bus Switch with Level Shift
logo
Unisonic Technologies
U74CBT2G125 UTC-U74CBT2G125 Datasheet
187Kb / 6P
   Dual Bus Switch with Level Shift
U74CBT2G125 UTC-U74CBT2G125_15 Datasheet
190Kb / 6P
   Dual Bus Switch with Level Shift
logo
Toshiba Semiconductor
TC7WBD125FK TOSHIBA-TC7WBD125FK Datasheet
119Kb / 7P
   Dual Bus Switch with Level Shift
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
   Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com