Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389X-TR1 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMP-389X-TR1
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-389X-TR1 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMP-389X-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-389X-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Surface Mount RF PIN
Switch Diodes
Technical Data
Features
• Unique Configurations in
Surface Mount Packages
– Add Flexibility
– Save Board Space
– Reduce Cost
• Switching
– Low Capacitance
– Low Resistance at Low
Current
• Low Failure in Time (FIT)
Rate[1]
• Matched Diodes for
Consistent Performance
• Better Thermal
Conductivity for Higher
Power Dissipation
• Lead-free Option Available
Note:
1. For more information see the
Surface Mount PIN Reliability Data
Sheet.
HSMP-389x Series
HSMP-489x Series
Description/Applications
The HSMP-389x series is
optimized for switching applica-
tions where low resistance at low
current and low capacitance are
required. The HSMP-489x series
products feature ultra low
parasitic inductance. These
products are specifically
designed for use at frequencies
which are much higher than the
upper limit for conventional PIN
diodes.
1
2
3
6
5
4
Notes:
1. Package marking provides
orientation, identification, and
date code.
2. See “Electrical Specifications” for
appropriate package marking.
Pin Connections and
Package Marking


Similar Part No. - HSMP-389X-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389X AVAGO-HSMP-389X Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
More results

Similar Description - HSMP-389X-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com