Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389X-TR2 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMP-389X-TR2
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-389X-TR2 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMP-389X-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-389X-TR2 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Ordering Information
Specify part number followed by option. For example:
HSMP
-
389x
-
XXX
Bulk or Tape and Reel Option
Part Number; x = Lead Code
Surface Mount PIN
Option Descriptions
-BLK = Bulk, 100 pcs. per antistatic bag
-TR1 = Tape and Reel, 3000 devices per 7" reel
-TR2 = Tape and Reel, 10,000 devices per 13" reel
Tape and Reeling conforms to Electronic Industries RS-481, “Taping of
Surface Mounted Components for Automated Placement.”
For lead-free option, the part number will have the character "G" at the
end, eg. -TR2G for a 10K pc lead-free reel.
Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
For Outline SOT-143
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
For Outlines SOT-23, -323
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
END VIEW
8 mm
4 mm
TOP VIEW
Note: "AB" represents package marking code.
"C" represents date code.
ABC
ABC
ABC
ABC
For Outline SOT-363


Similar Part No. - HSMP-389X-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389X AVAGO-HSMP-389X Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
More results

Similar Description - HSMP-389X-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com